Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 17Page - NXP Semiconductors RC522 Datasheet HTML 18Page - NXP Semiconductors RC522 Datasheet HTML 19Page - NXP Semiconductors RC522 Datasheet HTML 20Page - NXP Semiconductors RC522 Datasheet HTML 21Page - NXP Semiconductors RC522 Datasheet HTML 22Page - NXP Semiconductors RC522 Datasheet HTML 23Page - NXP Semiconductors RC522 Datasheet HTML 24Page - NXP Semiconductors RC522 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
21 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
9.2.1.10
FIFODataReg
In- and output of 64 byte FIFO buffer.
9.2.1.11
FIFOLevelReg
Indicates the number of bytes stored in the FIFO.
9.2.1.12
WaterLevelReg
Defines the level for FIFO under- and overflow warning.
Table 25:
FIFODataReg register (address 09h); reset value: XXh
Bit
7
6
5
4
3
2
1
0
Symbol
FIFOData
Access
Rights
dy
Table 26:
Description ofFIFODataReg bits
Bit
Symbol
Description
7 to 0
FIFOData
Data input and output port for the internal 64 byte FIFO buffer. The
FIFO buffer acts as parallel in/parallel out converter for all serial data
stream in- and outputs.
Table 27:
FIFOLevelReg register (address 0Ah); reset value: 00h
Bit
7
6
5
4
3
2
1
0
Symbol
FlushBuffer
FIFOLevel
Access
Rights
wr
Table 28:
Description of FIFOLevelReg bits
Bit
Symbol
Description
7
FlushBuffer
Set to logic 1, this bit clears the internal FIFO-buffer’s read- and
write-pointer and the bit BufferOvfl in the register ErrReg immediately.
Reading this bit will always return 0.
6 to 0
FIFOLevel
Indicates the number of bytes stored in the FIFO buffer. Writing to the
FIFODataReg increments, reading decrements the FIFOLevel.
Table 29:
WaterLevelReg register (address 0Bh); reset value: 08h
Bit
7
6
5
4
3
2
1
0
Symbol
-
WaterLevel
Access
Rights
RFU
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com