Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 58Page - NXP Semiconductors RC522 Datasheet HTML 59Page - NXP Semiconductors RC522 Datasheet HTML 60Page - NXP Semiconductors RC522 Datasheet HTML 61Page - NXP Semiconductors RC522 Datasheet HTML 62Page - NXP Semiconductors RC522 Datasheet HTML 63Page - NXP Semiconductors RC522 Datasheet HTML 64Page - NXP Semiconductors RC522 Datasheet HTML 65Page - NXP Semiconductors RC522 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
62 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
The following abbreviations are used:
• RF: 13.56 MHz clock derived from 27.12 MHz quartz divided by 2
• RF_n: inverted 13.56 MHz clock
• gspmos: Conductance, configuration of the PMOS array
• gspmos: Conductance, configuration of the NMOS array
• pCW: PMOS conductance value for continuos wave defined by CWGsP register
• pMod: PMOS conductance value for modulation defined by ModGsP register
• nCW: NMOS conductance value for continuos wave defined by CWGsN register
• nMod: NMOS conductance value for modulation defined by ModGsN register
Remark: If only 1 driver is switched on, the values for ModGsN, ModGsP and CWGsN,
CWGsP are used for both drivers.
Table 146: Settings for TX2
TX1RFEn
Force
100ASK
TX2CW
InVTx2
RFON
InVTx2
RFOFF
Envelope
TX2
GSPMos
GSNMos Remarks
0
x
x
xxxxxx
not specified if RF
is switched off
1000
x
0
RF
pMod
nMod
1RF
pCW
nCW
1
X
0
RF_n
pMod
nMod
1RF_n
pCW
nCW
1
0
x
X
RF
pCW
nCW
Gs always CW for
TX2CW
1x
X
RF_n
pCW
nCW
1
0
0
x
0
0
pMod
nMod
100%ASK:Tx2
pulled to 0
(independent of
InvTx2RFOn/INVT
X2RFOff)
1RF
pCW
nCW
1
x
0
0
pMod
nMod
1RF_n
pCW
nCW
1
0
x
X
RF
pCW
nCW
1x
X
RF_n
pCW
nCW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com