Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 9Page - NXP Semiconductors RC522 Datasheet HTML 10Page - NXP Semiconductors RC522 Datasheet HTML 11Page - NXP Semiconductors RC522 Datasheet HTML 12Page - NXP Semiconductors RC522 Datasheet HTML 13Page - NXP Semiconductors RC522 Datasheet HTML 14Page - NXP Semiconductors RC522 Datasheet HTML 15Page - NXP Semiconductors RC522 Datasheet HTML 16Page - NXP Semiconductors RC522 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
13 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
9.1.1 Register Bit Behavior
Depending on the functionality of a register, the access conditions to the register can vary.
In principle bits with same behavior are grouped in common registers. In Table 6 the
access conditions are described.
9.2 Register Description
9.2.1 Page 0: Command and Status
9.2.1.1
Reserved
Functionality is reserved for further use.
9.2.1.2
CommandReg
Starts and stops command execution.
Table 6:
Behavior of Register Bits and its Designation
Abbreviation Behavior
Description
r/w
read and write These bits can be written and read by the
μ-Controller. Since they
are used only for control means, there content is not influenced by
internal state machines, e.g. the ComIEnReg-Register may be
written and read by the
μ-Controller. It will also be read by internal
state machines, but never changed by them.
dy
dynamic
These bits can be written and read by the
μ-Controller.
Nevertheless, they may also be written automatically by internal
state machines, e.g. the Command-Register changes its value
automatically after the execution of the actual command.
r
read only
These register bits hold values which are determined by internal
states only, e.g. the CRCReady bit can not be written from
external but shows internal states.
w
write only
Reading these register bits returns always ZERO.
RFU
-
These registers are reserved for future use and shall not be
changed. In case of a write access, it is recommended to write
always the value “0”.
RFT
-
These register bits are reserved for future use or production test
and shall not be changed.
Table 7:
Reserved register (address 00h); reset value: 00h
Bit
7
6
5
4
3
2
1
0
Symbol
-
Access
Rights
RFU
Table 8:
Description of Reserved register bits
Bit
Symbol
Description
7 to 0
-
Reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com