Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 82 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 78Page - NXP Semiconductors RC522 Datasheet HTML 79Page - NXP Semiconductors RC522 Datasheet HTML 80Page - NXP Semiconductors RC522 Datasheet HTML 81Page - NXP Semiconductors RC522 Datasheet HTML 82Page - NXP Semiconductors RC522 Datasheet HTML 83Page - NXP Semiconductors RC522 Datasheet HTML 84Page - NXP Semiconductors RC522 Datasheet HTML 85Page - NXP Semiconductors RC522 Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
82 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
19.3.5 Example: Output Rx Data Stream on AUX 1 and AUX 2
The following Figure 28 shows the actual received data stream. TestSel2Reg is set to 07h
to enable certain digital test data on D1-D6 (see Section 19.2 “Test bus”). The register
TestSel1Reg is set to 06h (D6 = sdata) and AnalogTestReg is set to FFh to output the
received data stream to pin AUX1 and AUX2.
19.4 PRBS (Pseudo-Random Binary Sequence)
Enables the PRBS9 or PRBS15 sequence according to ITU-TO150. To start the
transmission of the defined datastream the command TRANSMIT has to be activated.
The preamble/Sync byte/start bit/parity bit are generated automatically depending on the
selected mode.
Remark: All relevant register to transmit data have to be configured before entering
PRBS mode according ITU-TO150.
Fig 28. Output Rx data stream on AUX 1 and AUX 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com