Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 66Page - NXP Semiconductors RC522 Datasheet HTML 67Page - NXP Semiconductors RC522 Datasheet HTML 68Page - NXP Semiconductors RC522 Datasheet HTML 69Page - NXP Semiconductors RC522 Datasheet HTML 70Page - NXP Semiconductors RC522 Datasheet HTML 71Page - NXP Semiconductors RC522 Datasheet HTML 72Page - NXP Semiconductors RC522 Datasheet HTML 73Page - NXP Semiconductors RC522 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
70 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
16. Power Reduction modes
16.1 Hard Power-down
A Hard Power-down is enabled with LOW level on pin NRSTPD. This turns off all internal
current sinks as well as the oscillator. All digital input buffers are separated from the input
pads and clamped internally (except pin NRSTPD itself). The output pins are frozen at a
certain value.
16.2 Soft Power-down
The Soft Power-down mode is entered immediately after setting the bit PowerDown in the
register CommandReg to 1. All internal current sinks are switched off (including the
oscillator buffer).
In opposition to the Hard Power-down mode, the digital input-buffers are not separated by
the input pads and keep their functionality. The digital output pins do not change their
state.
During Soft Power-down, all registers values, the FIFO’s content and the configuration
itself will keep its current content.
After setting bit PowerDown in the register CommandReg to 0 it takes 1024 clocks until
the Soft Power-down mode is left as indicated by the PoweDown bit itself. Setting it to
logic 0 does not immediately clear it. It is cleared automatically by the MFRC522 when the
Soft Power-down mode is left.
Remark: If the internal oscillator is used, you have to take into account that it is supplied
by AVDD and it will take a certain time tosc until the oscillator is stable and the clock cycles
can be detected by the internal logic.
For the serial UART it is recommended to send the value 55 (hex) to the MFRC522 first.
For further access to the registers the oscillator must be stable. Therefore, perform a read
accesses to address 0 till the MFRC522 answers to the last read command with the
register content of address 0. This indicates that the MFRC522 is active for further
operation.
16.3 Transmitter Power-down
The Transmitter Power-down mode switches off the internal antenna drivers to turn off the
RF field by setting either Tx1RfEn or TX2RFEn in the register TXControlReg to logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com