Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 59Page - NXP Semiconductors RC522 Datasheet HTML 60Page - NXP Semiconductors RC522 Datasheet HTML 61Page - NXP Semiconductors RC522 Datasheet HTML 62Page - NXP Semiconductors RC522 Datasheet HTML 63Page - NXP Semiconductors RC522 Datasheet HTML 64Page - NXP Semiconductors RC522 Datasheet HTML 65Page - NXP Semiconductors RC522 Datasheet HTML 66Page - NXP Semiconductors RC522 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
63 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
11.3 Serial Data Switch
Two main blocks are implemented in the MFRC522. A digital circuitry, comprising state
machines, coder and decoder logic and an analog circuitry with the modulator and
antenna drivers, receiver and amplification circuitry. For example, the interface between
these two blocks can be configured in the way, that the interfacing signals may be routed
to the pins MFIN and MFOUT.
This topology supports, that the analog part of the MFRC522 may be connected to the
digital part of another device.
The serial signal switch is controlled by the register TxSelReg and RxSelReg.
The following figure shows the serial data switch for TX1 and TX2.
11.4 MFIN/MFOUT interface support
The MFRC522 is basically divided into digital circuitry and analog circuitry. The digital
circuitry contains state machines, coder and decoder logic and so on and the analog
circuitry contains the modulator and antenna drivers, receiver and amplification circuitry.
The interface between these two blocks can be configured in the way, that the interfacing
signals may be routed to the pins MFIN and MFOUT (see Figure 21 “Overview
MFIN/MFOUT Signal Routing”). The configuration is done by bits MFOutSel, DriverSel
and UARTSel of registers TxSelReg and RxSelReg.
This topology supports, that some parts of the analog part of the MFRC522 may be
connected to the digital part of another device.
The switch MFOutSel in register TxSelReg can be used to measure MIFARE® and
ISO/IEC14443 related signals. This is especially important during the design In phase or
for test purposes to check the transmitted and received data.
However, the most important use of MFIN/MFOUT pins is the active antenna concept. An
external active antenna circuit can be connected to the digital circuit of the MFRC522.
MFOutSel has to be configured in that way that the signal of the internal Miller Coder is
send to MFOUT pin (MFOutSel = 4). UARTSel has to be configured to receive
Manchester signal with sub-carrier from MFIN pin (UARTSel = 1).
It is possible, to connect a 'passive antenna' to pins TX1, TX2 and RX (via the appropriate
filter and matching circuit) and at the same time an Active Antenna to the pins MFOUT
and MFIN. In this configuration, two RF-parts may be driven (one after another) by one
host processor.
Fig 20. Serial data switch for TX1 and TX2.
MFIN
invert if
PolMfin =0
internal
Coder
00
01
10
11
To driver TX1 and TX2
0 = impedance = MOD
1 = inpedance = CW
invert if
InvMod=1
1
Tristate
DriverSel
Envelope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com