Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 72Page - NXP Semiconductors RC522 Datasheet HTML 73Page - NXP Semiconductors RC522 Datasheet HTML 74Page - NXP Semiconductors RC522 Datasheet HTML 75Page - NXP Semiconductors RC522 Datasheet HTML 76Page - NXP Semiconductors RC522 Datasheet HTML 77Page - NXP Semiconductors RC522 Datasheet HTML 78Page - NXP Semiconductors RC522 Datasheet HTML 79Page - NXP Semiconductors RC522 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
76 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
19. Testsignals
19.1 Selftest
The MFRC522 has the capability to perform a digital selftest. To start the selftest the
following procedure has to be performed:
1. Perform a soft reset.
2. Clear the internal buffer by writing 25 bytes of 00h and perform the Config Command.
3. Enable the Selftest by writing the value 09h to the register AutoTestReg.
4. Write 00h to the FIFO.
5. Start the Selftest with the CalcCRC Command.
6. The Selftest will be performed.
7. When the Selftest is finished, the FIFO contains the following bytes:
Correct answer for register VersionReg equal to 90h:
00h, 87h, 98h, 0fh, 49h, FFh, 07h, 19h
BFh, 22h, 30h, 49h, 59h, 63h, ADh, CAh
7Fh, E3h, 4Eh, 03h, 5Ch, 4Eh, 49h, 50h
47h, 9Ah, 37h, 61h, E7h, E 2h, C6h, 2Eh
75h, 5Ah, EDh, 04h, 3Dh, 02h, 4Bh, 78h
32h, FFh, 58h, 3Bh, 7Ch, E9h, 00h, 94h
B4h, 4Ah, 59h, 5Bh, FDh, U9h, 29h, DFh
35h, 96h, 98h, 9Eh, 4Fh, 30h, 32h, 8Dh
Correct answer for register VersionReg equal to 91h:
00h, C6h, 37h, D5h, 32h, B7h, 57h, 5Ch,
C2h, D8h, 7Ch, 4Dh, D9h, 70h, C7h, 73h,
10h, E6h, D2h, AAh, 5Eh, A1h, 3Eh, 5Ah,
14h, AFh, 30h, 61h, C9h, 70h, DBh, 2Eh,
64h, 22h, 72h, B5h, BDh, 65h, F4h, ECh,
22h, BCh, D3h, 72h, 35h, CDh, AAh, 41h,
1Fh, A7h, F3h, 53h, 14h, DEh, 7Eh, 02h,
D9h, 0Fh, B5h, 5Eh, 25h, 1Dh, 29h, 79h
19.2 Test bus
The test bus is implemented for production test purposes. The following configuration can
be used to improve the design of a system using the MFRC522. The test bus allows to
route internal signals to the digital interface. The test bus signals are selected by
accessing TestBusSel in register TestSel2Reg.
Table 150: TestSel2Reg register (address 07h)
Pins
D6
D5
D4
D3
D2
D1
Testsignal
sdata
scoll
svalid
sover
RCV_reset
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com