Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 89 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 85Page - NXP Semiconductors RC522 Datasheet HTML 86Page - NXP Semiconductors RC522 Datasheet HTML 87Page - NXP Semiconductors RC522 Datasheet HTML 88Page - NXP Semiconductors RC522 Datasheet HTML 89Page - NXP Semiconductors RC522 Datasheet HTML 90Page - NXP Semiconductors RC522 Datasheet HTML 91Page - NXP Semiconductors RC522 Datasheet HTML 92Page - NXP Semiconductors RC522 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
89 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
23.6 XTAL Oscillator
23.7 Typical 27.12 MHz Crystal Requirements
Table 172: XTAL Oscillator
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOH,OSCOUT Output Voltage High XTAL2
-
1.1
-
V
VOL,OSCOUT Output Voltage Low XTAL2
-
0.2
-
V
CIN,OSCOUT Input capacitance OSCOUT
-
2
-
pF
CIN,OSCIN
Input capacitance OSCIN
-
2
-
pF
Table 173: XTAL Oscillator
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fXTAL
XTAL Frequency Range
-
27.12
-
MHz
ESR
XTAL Equivalent Series resistance
-
-
100
Ω
CL
XTAL Load capacitance
-
10
-
pF
PXTAL
XTAL Drive Level
-
50
100
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com