Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 44Page - NXP Semiconductors RC522 Datasheet HTML 45Page - NXP Semiconductors RC522 Datasheet HTML 46Page - NXP Semiconductors RC522 Datasheet HTML 47Page - NXP Semiconductors RC522 Datasheet HTML 48Page - NXP Semiconductors RC522 Datasheet HTML 49Page - NXP Semiconductors RC522 Datasheet HTML 50Page - NXP Semiconductors RC522 Datasheet HTML 51Page - NXP Semiconductors RC522 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
48 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
10.2.3 Write data
To write data to the MFRC522 using the SPI interface the following byte order has to be
used. It is possible to write out up to n-data bytes by only sending one’s address byte.
The first send byte defines both, the mode itself and the address byte.
Remark: The most significant bit (MSB) has to be send first.
10.2.4 Address byte
The address byte has to fulfil the following format:
The MSB bit of the first byte defines the used mode. To read data from the MFRC522 the
MSB bit is set to logic 1. To write data to the MFRC522 the MSB bit has to be set to
logic 0. The bits 6 to 1 define the address and the LSB shall be set to logic 0.
10.3 UART Interface
10.3.1 Connection to a host
Remark: DTRQ and MX can be disabled by clearing the bit RS232LineEn in register
TestPinEnReg.
Table 137: Byte Order for MOSI and MISO
byte 0
byte 1
byte 2
to
byte n
byte n+1
MOSI
adr 0
data 0
data 1
……..
data n-1
data n
MISO
X
X
X
……..
X
X
Table 138. Address byte 0 register; address MOSI
7
6
5
4
3
2
1
0
1 (read)
0 (write)
address
RFU
MSB
LSB
Fig 8.
Connection to
μ-Controllers with UART.
RX
TX
DTRQ
MX
RC522
RX
TX
DTRQ
MX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com