Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 97 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 93Page - NXP Semiconductors RC522 Datasheet HTML 94Page - NXP Semiconductors RC522 Datasheet HTML 95Page - NXP Semiconductors RC522 Datasheet HTML 96Page - NXP Semiconductors RC522 Datasheet HTML 97Page - NXP Semiconductors RC522 Datasheet HTML 98Page - NXP Semiconductors RC522 Datasheet HTML 99Page - NXP Semiconductors RC522 Datasheet HTML 100Page - NXP Semiconductors RC522 Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
97 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
28. Abbreviations
29. References
[1]
AN - MFRC52x Reader IC Family Directly Matched Antenna Design —
Application note for Mifare MFRC52x Reader IC Antenna Design
[2]
AN - Mifare(14443A) 13,56 MHz RFID Proximity Antennas —
Application note for Mifare Proximity Antenna Design
Table 176: Abbreviations
Acronym
Description
ASK
Amplitude Shift keying
PCD
Proximity Coupling Device. Definition for a Card reader/writer according to the
ISO/IEC 14443 specification.
PICC
Proximity Cards. Definition for a contactless Smart Card according to the
ISO/IEC 14443 specification.
PCD Æ PICC
Communication flow between a PCD and a PICC according to the
ISO/IEC 14443A/MIFARE®
PICCÆ PCD
Communication flow between a PICC and a PCD according to the
ISO/IEC 14443A/MIFARE®.
Modulation Index The modulation index is defined as the voltage ratio (Vmax - Vmin)/
(Vmax + Vmin).
Loadmodulation
Index
The load modulation index is defined as the card’s voltage ratio (Vmax - Vmin)/
(Vmax + Vmin) measured at the card’s coil.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com