Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 3 Page - NXP Semiconductors

  RC522 Datasheet HTML 1Page - NXP Semiconductors RC522 Datasheet HTML 2Page - NXP Semiconductors RC522 Datasheet HTML 3Page - NXP Semiconductors RC522 Datasheet HTML 4Page - NXP Semiconductors RC522 Datasheet HTML 5Page - NXP Semiconductors RC522 Datasheet HTML 6Page - NXP Semiconductors RC522 Datasheet HTML 7Page - NXP Semiconductors RC522 Datasheet HTML 8Page - NXP Semiconductors RC522 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
3 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
4.
Quick reference data
[1]
Supply voltage below 3 V reduces the performance (e.g. the achievable operating distance).
[2]
AVDD, DVDD and TVDD shall always be on the same voltage level.
[3]
PVDD shall always be on the same or lower voltage level than DVDD.
[4]
ITVDD depends on TVDD and the external circuitry connected to Tx1 and Tx2
[5]
IPVDD depends on the overall load at the digital pins.
[6]
During operation with a typical circuitry the overall current is below 100 mA.
[7]
ISPD and IHPD are the total currents over all supplies.
[8]
Typical value using a complementary driver configuration and an antenna matched to 40
Ω between TX1 and TX2 at 13.56 MHz
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
AVDD
Supply Voltage
AVSS =DVSS =PVSS=TVSS =0 V,
PVDD ≤ AVDD =DVDD =TVDD
[1][2]
2.5
-
3.6
V
DVDD
[1][2]
TVDD
[1][2]
PVDD
Pad power supply
AVSS =DVSS =PVSS=TVSS =0 V,
PVDD ≤ AVDD =DVDD =TVDD
[3]
1.6
-
3.6
V
SVDD
MFIN/MFOUT Pad Power
Supply
AVSS =DVSS =PVSS=TVSS =0 V,
1.6
-
3.6
V
IHPD
Hard Power-down Current
AVDD =DVDD = TVDD =PVDD =3 V,
NRESET =LOW
[4]
--5
μA
ISPD
Soft Power-down Current
AVDD =DVDD = TVDD =PVDD = 3 V,
RF level detector on
[4]
--10
μA
IDVDD
Digital Supply Current
DVDD =3V
-
6.5
9
mA
IAVDD
Analog Supply Current
AVDD = 3 V, bit RCVOff = 0
-
7
10
mA
IAVDD,RCVOFF
Analog Supply Current,
receiver switched off
AVDD = 3 V, bit RCVOff = 1
-
3
5
mA
IPVDD
Pad Supply Current
[2]
--40
mA
ITVDD
Transmitter Supply Current
Continuous Wave
[1][3][8]
-60
100
mA
Tamb
operating ambient temperature
-25
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com