Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 7Page - NXP Semiconductors RC522 Datasheet HTML 8Page - NXP Semiconductors RC522 Datasheet HTML 9Page - NXP Semiconductors RC522 Datasheet HTML 10Page - NXP Semiconductors RC522 Datasheet HTML 11Page - NXP Semiconductors RC522 Datasheet HTML 12Page - NXP Semiconductors RC522 Datasheet HTML 13Page - NXP Semiconductors RC522 Datasheet HTML 14Page - NXP Semiconductors RC522 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
11 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
9.
MFRC522 Register SET
9.1 MFRC522 Registers Overview
Table 5:
MFRC522 Registers Overview
Addr
(hex)
Register Name
Function
Page 0: Command and Status
0
Reserved
Reserved for future use
1
CommandReg
Starts and stops command execution
2
ComlEnReg
Controls bits to enable and disable the passing of Interrupt Requests
3
DivlEnReg
Controls bits to enable and disable the passing of Interrupt Requests
4
ComIrqReg
Contains Interrupt Request bits
5
DivIrqReg
Contains Interrupt Request bits
6
ErrorReg
Error bits showing the error status of the last command executed
7
Status1Reg
Contains status bits for communication
8
Status2Reg
Contains status bits of the receiver and transmitter
9
FIFODataReg
In- and output of 64 byte FIFO buffer
A
FIFOLevelReg
Indicates the number of bytes stored in the FIFO
B
WaterLevelReg
Defines the level for FIFO under- and overflow warning
C
ControlReg
Contains miscellaneous Control Registers
D
BitFramingReg
Adjustments for bit oriented frames
E
CollReg
Bit position of the first bit collision detected on the RF-interface
F
Reserved
Reserved for future use
Page 1: Command
0
Reserved
Reserved for future use
1
ModeReg
Defines general modes for transmitting and receiving
2
TxModeReg
Defines the transmission data rate and framing
3
RxModeReg
Defines the receive data rate and framing
4
TxControlReg
Controls the logical behavior of the antenna driver pins TX1 and TX2
5
TxASKReg
Controls the setting of the TX modulation
6
TxSelReg
Selects the internal sources for the antenna driver
7
RxSelReg
Selects internal receiver settings
8
RxThresholdReg Selects thresholds for the bit decoder
9
DemodReg
Defines demodulator settings
A
Reserved
Reserved for future use
B
Reserved
Reserved for future use
C
MfTxReg
Controls some MIFARE® communication transmit parameters
D
MfRxReg
Controls some MIFARE® communication receive parameters
E
Reserved
Reserved for future use
F
SerialSpeedReg
Selects the speed of the serial UART interface
Page 2: CFG
0
Reserved
Reserved for future use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com