Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 98 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 94Page - NXP Semiconductors RC522 Datasheet HTML 95Page - NXP Semiconductors RC522 Datasheet HTML 96Page - NXP Semiconductors RC522 Datasheet HTML 97Page - NXP Semiconductors RC522 Datasheet HTML 98Page - NXP Semiconductors RC522 Datasheet HTML 99Page - NXP Semiconductors RC522 Datasheet HTML 100Page - NXP Semiconductors RC522 Datasheet HTML 101Page - NXP Semiconductors RC522 Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
98 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
30. Revision history
Table 177: Revision history
Document ID
Release date
Data sheet status
Change notice
Doc. number
Supersedes
112132
Mai 2007
Product datasheet
200705005F
Revision 3.1
• correction Interface PIN order in Table 135 “Connection Scheme for detecting the different Interface
Types”
• correction Table 137
• removed D0 from Table 150, Table 151, Table 152, Table 153
• removed 212, 424, 848 kbaud from Table 169
• correction typical application circuit diagram Figure 32
• add selftest answer for version reg. 91h in Section 19.1 “Selftest” (see CPCN 200705005F)
112131
September 2006
Product datasheet
Revision 3.0
• Introduction new NXP data sheet layout
• Add Section 4 “Quick reference data”
• Characterization up to 848 kbit/s
• Add notes to Table 3 “Pin description”
• Correction RFU description in Table 6 “Behavior of Register Bits and its Designation”
• Correction access rights of bits 6-4 and 2-0 in Table 33 “BitFramingReg register (address 0Dh); reset
value: 00h”
• Correction DTRQ to Output in Table 135 “Connection Scheme for detecting the different Interface
Types”
• Combined “Absolute Maximum Ratings” and “ESD Characteristics“ in Section 20 “Limiting values”
• Renamed Table 161 “Input Pin characteristics for pin SDA” and delete “VOL and IOL“
112130
December 2005
Product data sheet
Revision 2.1
• Document status changed to product specification
• Change Ordering Information Chapter 5
• Add Handling Information Chapter 26
• Add Packing Information Chapter 27
• Add Test Signal Examples in Chapter 19.3
112121
September 2005
Revision 2.0
• TxSelReg - bit DriverSel - combination 10
112120
July 2005
Preliminary data sheet
Revision 1.0
• Document status chacnged to preliminary specification
• add package web-link (chapter 25)
• add ordering information (chapter 5)
112110
July 2005
Objective data sheet
Revision 0.4
• Document status changed to objective specification
• changes in various register descriptions
• SVDD Pin (chapter 7.2)
• ParityDisable bit (chapter 9.2.1.14)
• add MFIN / MFOUT description (chapter 11.4)
• various spelling corrections
112104
November 2004
Revision 0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com