Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 45Page - NXP Semiconductors RC522 Datasheet HTML 46Page - NXP Semiconductors RC522 Datasheet HTML 47Page - NXP Semiconductors RC522 Datasheet HTML 48Page - NXP Semiconductors RC522 Datasheet HTML 49Page - NXP Semiconductors RC522 Datasheet HTML 50Page - NXP Semiconductors RC522 Datasheet HTML 51Page - NXP Semiconductors RC522 Datasheet HTML 52Page - NXP Semiconductors RC522 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
49 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
10.3.2 Selection of the transfer speeds
The internal UART interface is compatible to an RS232 serial interface.
Table 140 “Selectable transfer speeds” describes examples for different transfer speeds
and relevant register settings.
The resulting transfer speed error is less than 1.5% for all described transfer speeds.
The default transfer speed is 9.6 kbit/s.
To change the transfer speed, the host controller has to write a value for the new transfer
speed to the register SerialSpeedReg. The bits BR_T0 and BR_T1 define factors to set
the transfer speed in the SerialSpeedReg.
Table 139 “Settings of BR_T0 and BR_T1” describes the settings of BR_T0 and BR_T1.
The selectable transfer speeds as shown in Table 140 “Selectable transfer speeds” are
calculated according to the following formulas:
if BR_T0=0: transfer speed = 27.12 MHz/(BR_T1+1)
if BR_T0>0: transfer speed = 27.12 MHz/(BR_T1 +33)/2^(BR_T0 -1)
Remark: Transfer speeds above 1228.8 k are not supported.
Table 139: Settings of BR_T0 and BR_T1
BR_T0
01234567
factor BR_T0
11248
16
32
64
range BR_T1
1 to 32
33 to 64
33 to 64
33 to 64
33 to 64
33 to 64
33 to 64
33 to 64
Table 140: Selectable transfer speeds
Transfer Speed [bit/s]
SerialSpeedReg
Transfer Speed Accuracy
decimal
heximal
7.2 k
250
FAh
-0.25%
9.6 k
235
EBh
0.32%
14.4 k
218
DAh
-0.25%
19.2 k
203
CBh
0.32%
38.4 k
171
ABh
0.32%
57.6 k
154
9Ah
-0.25%
115.2 k
122
7Ah
-0.25%
128 k
116
74h
-0.06%
230.4 k
90
5Ah
-0.25%
460.8 k
58
3Ah
-0.25%
921.6 k
28
1Ch
1.45%
1228.8 k
21
15h
0.32%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com