Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 70Page - NXP Semiconductors RC522 Datasheet HTML 71Page - NXP Semiconductors RC522 Datasheet HTML 72Page - NXP Semiconductors RC522 Datasheet HTML 73Page - NXP Semiconductors RC522 Datasheet HTML 74Page - NXP Semiconductors RC522 Datasheet HTML 75Page - NXP Semiconductors RC522 Datasheet HTML 76Page - NXP Semiconductors RC522 Datasheet HTML 77Page - NXP Semiconductors RC522 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
74 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
18.3.1.7
Receive Command
The MFRC522activates the receiver path and waits for any data stream to be received.
The correct settings have to be chosen before starting this command.
This command terminates automatically when the received data stream ends. This is
indicated either by the end of frame pattern or by the length byte depending on the
selected framing and speed.
Remark: If the bit RxMultiple in the RxModeReg register is set to logic 1, the Receive
command does not terminate automatically. It has to be terminated by
activating any other command in the CommandReg register.
18.3.1.8
Transceive Command
This circular command repeats transmitting data from the FIFO and receiving data from
the RF field continuously. The first action is transmitting and after a transmission the
command is changed to receive a data stream.
Each transmission process has to be started by setting bit StartSend in the register
BitFramingReg to logic 1. This command has to be cleared by software by writing any
command to register CommandReg e.g. the command idle.
Remark: If the bit RxMultiple in register RxModeReg is set to logic 1, this command will
never leave the receiving state, because the receiving will not be cancelled
automatically.
18.3.1.9
MFAuthent Command
This command handles the MIFARE® authentication to enable a secure communication to
any MIFARE® classic card. The following data shall be written to the FIFO before the
command can be activated:
• Authentication command code (60h, 61h)
• Block address
• Sector key byte 0
• Sector key byte 1
• Sector key byte 2
• Sector key byte 3
• Sector key byte 4
• Sector key byte 5
• Card serial number byte 0
• Card serial number byte 1
• Card serial number byte 2
• Card serial number byte 3
In total 12 bytes shall be written to the FIFO.
Remark: When the MFAuthent command is active, any FIFO access is blocked. Anyhow
if there is an access to the FIFO, the bit WrErr in the ErrorReg register is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com