Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 20Page - NXP Semiconductors RC522 Datasheet HTML 21Page - NXP Semiconductors RC522 Datasheet HTML 22Page - NXP Semiconductors RC522 Datasheet HTML 23Page - NXP Semiconductors RC522 Datasheet HTML 24Page - NXP Semiconductors RC522 Datasheet HTML 25Page - NXP Semiconductors RC522 Datasheet HTML 26Page - NXP Semiconductors RC522 Datasheet HTML 27Page - NXP Semiconductors RC522 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
24 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
9.2.1.16
Reserved
Functionality is reserved for further use.
9.2.2 Page 1: Communication
9.2.2.1
Reserved
Functionality is reserved for further use.
4 to 0
CollPos
These bits show the bit position of the first detected collision in a
received frame. Only data bits are interpreted.
Example:
00h
indicates a bit collision in the 32nd bit
01h
indicates a bit collision in the 1st bit
08h
indicates a bit collision in the 8th bit
These bits shall only be interpreted if bit CollPosNotValid is set to
logic 0.
Table 36:
Description of CollReg bits
Bit
Symbol
Description
Table 37:
Reserved register (address 0Fh); reset value: 00h
Bit
7
6
5
4
3
2
1
0
Symbol
-
Access
Rights
RFU
Table 38:
Description of Reserved register bits
Bit
Symbol
Description
7 to 0
-
Reserved for future use.
Table 39:
Reserved register (address 10h); reset value: 00h
Bit
7
6
5
4
3
2
1
0
Symbol
-
Access
Rights
RFU
Table 40:
Description of Reserved register bits
Bit
Symbol
Description
7 to 0
-
Reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com