Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 8Page - NXP Semiconductors RC522 Datasheet HTML 9Page - NXP Semiconductors RC522 Datasheet HTML 10Page - NXP Semiconductors RC522 Datasheet HTML 11Page - NXP Semiconductors RC522 Datasheet HTML 12Page - NXP Semiconductors RC522 Datasheet HTML 13Page - NXP Semiconductors RC522 Datasheet HTML 14Page - NXP Semiconductors RC522 Datasheet HTML 15Page - NXP Semiconductors RC522 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
12 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
1
CRCResultReg
Shows the actual MSB and LSB values of the CRC calculation
2
3
Reserved
Reserved for future use
4
ModWidthReg
Controls the setting of the ModWidth
5
Reserved
Reserved for future use
6
RFCfgReg
Configures the receiver gain
7
GsNReg
Selects the conductance of the antenna driver pins TX1 and TX2 for
modulation
8
CWGsPReg
9
ModGsPReg
ATModeReg
TPrescalerReg
Defines settings for the internal timer
B
C
TReloadReg
Describes the 16 bit timer reload value
D
E
TCounterValReg
Shows the 16 bit actual timer value
F
Page 3: TestRegister
0
Reserved
Reserved for future use
1
TestSel1Reg
General test signal configuration
2
TestSel2Reg
General test signal configuration and PRBS control
3
TestPinEnReg
Enables pin output driver on D1-D7
4
TestPinValueReg Defines the values for D1 - D7 when it is used as I/O bus
5
TestBusReg
Shows the status of the internal testbus
6
AutoTestReg
Controls the digital selftest
7
VersionReg
Shows the version
8
AnalogTestReg
Controls the pins AUX1 and AUX2
9
TestDAC1Reg
Defines the test value for the TestDAC1
A
TestDAC2Reg
Defines the test value for the TestDAC2
B
TestADCReg
Shows the actual value of ADC I and Q
C-F
Reserved
Reserved for production tests
Table 5:
MFRC522 Registers Overview …continued
Addr
(hex)
Register Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com