Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 31Page - Renesas Technology Corp HD6433713 Datasheet HTML 32Page - Renesas Technology Corp HD6433713 Datasheet HTML 33Page - Renesas Technology Corp HD6433713 Datasheet HTML 34Page - Renesas Technology Corp HD6433713 Datasheet HTML 35Page - Renesas Technology Corp HD6433713 Datasheet HTML 36Page - Renesas Technology Corp HD6433713 Datasheet HTML 37Page - Renesas Technology Corp HD6433713 Datasheet HTML 38Page - Renesas Technology Corp HD6433713 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 324 page
background image
4.
Register Indirect with Post-Increment or Pre-Decrement—@Rn+ or @–Rn:
•
Register indirect with post-increment—@Rn+
The @Rn+ mode is used with MOV instructions that load registers from memory.
The register field of the instruction specifies a 16-bit general register containing the
address of the operand. After the operand is accessed, the register is incremented by 1 for
MOV.B or 2 for MOV.W. For MOV.W, the original contents of the 16-bit general register
must be even.
•
Register indirect with pre-decrement—@–Rn
The @–Rn mode is used with MOV instructions that store register contents to memory.
The register field of the instruction specifies a 16-bit general register which is decremented
by 1 or 2 to obtain the address of the operand in memory. The register retains the
decremented value. The size of the decrement is 1 for MOV.B or 2 for MOV.W. For
MOV.W, the original contents of the register must be even.
5.
Absolute Address—@aa:8 or @aa:16: The instruction specifies the absolute address of the
operand in memory.
The absolute address may be 8 bits long (@aa:8) or 16 bits long (@aa:16). The MOV.B and
bit manipulation instructions can use 8-bit absolute addresses. The MOV.B, MOV.W, JMP,
and JSR instructions can use 16-bit absolute addresses.
For an 8-bit absolute address, the upper 8 bits are assumed to be 1 (H'FF). The address range
is H'FF00 to H'FFFF (65280 to 65535).
6.
Immediate—#xx:8 or #xx:16: The instruction contains an 8-bit operand (#xx:8) in its
second byte, or a 16-bit operand (#xx:16) in its third and fourth bytes. Only MOV.W
instructions can contain 16-bit immediate values.
The ADDS and SUBS instructions implicitly contain the value 1 or 2 as immediate data.
Some bit manipulation instructions contain 3-bit immediate data in the second or fourth byte
of the instruction, specifying a bit number.
7.
Program-Counter Relative—@(d:8, PC): This mode is used in the Bcc and BSR
instructions. An 8-bit displacement in byte 2 of the instruction code is sign-extended to
16 bits and added to the program counter contents to generate a branch destination address.
The possible branching range is –126 to +128 bytes (–63 to +64 words) from the current
address. The displacement should be an even number.
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com