Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 29Page - Renesas Technology Corp HD6433713 Datasheet HTML 30Page - Renesas Technology Corp HD6433713 Datasheet HTML 31Page - Renesas Technology Corp HD6433713 Datasheet HTML 32Page - Renesas Technology Corp HD6433713 Datasheet HTML 33Page - Renesas Technology Corp HD6433713 Datasheet HTML 34Page - Renesas Technology Corp HD6433713 Datasheet HTML 35Page - Renesas Technology Corp HD6433713 Datasheet HTML 36Page - Renesas Technology Corp HD6433713 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 324 page
background image
2.3.2 Memory Data Formats
Figure 2-5 indicates the data formats in memory. For access by the H8/300L CPU, word data
stored in memory must always begin at an even address. In word access the least significant bit of
the address is regarded as 0. If an odd address is specified, the access is performed at the
preceding even address. This rule affects the MOV.W instruction, and also applies to instruction
fetching.
Word access is possible to the ROM and RAM areas. For details, see 2.8.1, Notes on Data Access.
Figure 2-5 Memory Data Formats
When the stack is accessed using R7 as an address register, word access should always be
performed. For further details, see 3.2.10, Notes on Stack Area Use. When the CCR is pushed on
the stack, two identical copies of the CCR are pushed to make a complete word. When they are
restored, the lower byte is ignored.
Data Format
76543210
Address
Data Type
70
Address n
MSB
LSB
MSB
LSB
Upper 8 bits
Lower 8 bits
MSB
LSB
CCR
CCR*
MSB
LSB
MSB
LSB
Address n
Even address
Odd address
Even address
Odd address
Even address
Odd address
1-bit data
Byte data
Word data
Byte data (CCR) on stack
Word data on stack
Note: * Ignored on return
Notation:
CCR: Condition code register
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com