Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 20Page - Renesas Technology Corp HD6433713 Datasheet HTML 21Page - Renesas Technology Corp HD6433713 Datasheet HTML 22Page - Renesas Technology Corp HD6433713 Datasheet HTML 23Page - Renesas Technology Corp HD6433713 Datasheet HTML 24Page - Renesas Technology Corp HD6433713 Datasheet HTML 25Page - Renesas Technology Corp HD6433713 Datasheet HTML 26Page - Renesas Technology Corp HD6433713 Datasheet HTML 27Page - Renesas Technology Corp HD6433713 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 324 page
background image
Table 1-3 Pin Functions (cont)
Pin No.
Type
Symbol FP-64A DP-64S
I/O
Name and Functions
Timer pins
IRQ0
18
27
Input
Timer B event counter input: This is
an event input pin for input to the timer B
counter.
IRQ1
19
28
Input
Timer C event counter input: This is
an event input pin for input to the timer C
counter.
UD
64
9
Input
Timer C up/down select: This pin
selects whether the timer C counter is
used for up- or down-counting. At high
level it selects down-counting, and at low
level up-counting.
Input to this pin is valid only when bit
TMC6 in timer mode register C (TMC) is
set to 1.
EVENT
22
31
Input
Timer D event counter input: This is
an event input pin for input to the timer D
counter.
TMOE
21
30
Output Timer E output: This is an output pin for
waveforms generated by the timer E
output circuit.
14-bit PWM pin
PWM
57
2
Output 14-bit PWM output: This is an output
pin for waveforms generated by the
14-bit PWM.
SO1
60
5
Output Serial transmit data output (channels 1
SO2
63
8
and 2): These are SCI data output pins.
SI1
59
4
Input
Serial receive data input (channels 1
SI2
62
7
and 2): These are SCI data input pins.
SCK1
58
3
I/O
Serial clock I/O (channels 1 and 2):
SCK2
61
6
These are SCI clock I/O pins.
CS
62
7
Output Chip select output: When SCI2 is in
transmit mode and the serial clock is an
internal clock, this pin goes low.
This function is valid when bit SI2 in port
mode register 2 (PMR2) is 1 and the CS
bit in PMR3 is 1.
Serial
communication
interface (SCI)
pins
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com