Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 62Page - Renesas Technology Corp HD6433713 Datasheet HTML 63Page - Renesas Technology Corp HD6433713 Datasheet HTML 64Page - Renesas Technology Corp HD6433713 Datasheet HTML 65Page - Renesas Technology Corp HD6433713 Datasheet HTML 66Page - Renesas Technology Corp HD6433713 Datasheet HTML 67Page - Renesas Technology Corp HD6433713 Datasheet HTML 68Page - Renesas Technology Corp HD6433713 Datasheet HTML 69Page - Renesas Technology Corp HD6433713 Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 324 page
background image
Section 3 System Control
3.1 Overview
This section explains the reset state, exception handling, and system modes.
3.2 Exception Handling
Exception handling includes processing of reset exceptions and of interrupts. Table 3-1
summarizes the exception sources and their priorities. Reset exception handling has the highest
priority.
Table 3-1 Types of Exception Handling and Priorities
Priority
Exception Source
Timing for Start of Exception Handling
High
Reset
Reset exception handling starts as soon as RES pin changes
from low to high.
Interrupt
When interrupt request is made, interrupt exception handling
Low
starts after execution of present instruction is completed.
3.2.1 Reset
When the
RES pin goes low, all processing stops and the chip enters the reset state. The internal
state of the CPU and the registers of on-chip peripheral modules are initialized. The I bit of the
condition code register (CCR) is set, masking all interrupts.
As soon as the
RES pin goes from low to high, reset exception handling starts. The contents of
the reset vector address (H'0000 to H'0001) are read and loaded into the program counter (PC).
Then program execution starts from the address indicated in PC. Figure 3-1 shows the reset
sequence.
Notes: 1. To make sure a reset is carried out properly, when power is turned on the
RES pin
should be kept low for at least 20 ms after the rise of the power supply.
2. When resetting during operation, keep the
RES pin low for at least 10 system clock
cycles.
3. After a reset, if an interrupt were to be accepted before the stack pointer (SP: R7) was
initialized, PC and CCR would not be pushed onto the stack correctly, resulting in
program runaway. To prevent this, immediately after reset exception handling all
interrupts are masked. Programs should be coded to initialize the stack pointer before
clearing the interrupt mask. An even-numbered address must be set in SP. It is
recommended that programs start with an instruction initializing SP (e.g., MOV.W
#xx:16, SP).
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com