Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 90Page - Renesas Technology Corp HD6433713 Datasheet HTML 91Page - Renesas Technology Corp HD6433713 Datasheet HTML 92Page - Renesas Technology Corp HD6433713 Datasheet HTML 93Page - Renesas Technology Corp HD6433713 Datasheet HTML 94Page - Renesas Technology Corp HD6433713 Datasheet HTML 95Page - Renesas Technology Corp HD6433713 Datasheet HTML 96Page - Renesas Technology Corp HD6433713 Datasheet HTML 97Page - Renesas Technology Corp HD6433713 Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 324 page
background image
3.4 System Control Registers
Table 3-7 shows how the system control registers (SYSCR1 and SYSCR2) are configured.
These two registers are used to control the power-down modes.
Table 3-7 Register Configuration
Name
Abbreviation
R/W
Initial Value
Address
System control register 1
SYSCR1
R/W
H'00
H'FFF0
System control register 2
SYSCR2
R/W
H'F4
H'FFF1
3.4.1 System Control Register 1 (SYSCR1)
Note: * Write is enabled only in active mode.
SYSCR1 is an 8-bit read/write register for control of power-down modes.
Bit 7: Standby (SSBY)
This bit designates transition to standby mode.
When standby mode is cleared by an external interrupt and the system goes to active mode, this
bit remains set to 1. It must be cleared by writing a 0. Writing is possible only in active mode.
Bit 7
SSBY
Explanation
0
When a SLEEP instruction is executed, a transition is made to sleep
(initial value)
mode.
1
When a SLEEP instruction is executed, a transition is made to standby mode or watch
mode.
Bit
Initial value
Read/Write
7
SSBY
0
R/W
6
STS2
0
R/W
5
STS1
0
R/W
4
STS0
0
R/W
3
LSON
0
R/W
0
—
0
—
2
—
0
R/W
1
—
0
—
*
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com