Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 85Page - Renesas Technology Corp HD6433713 Datasheet HTML 86Page - Renesas Technology Corp HD6433713 Datasheet HTML 87Page - Renesas Technology Corp HD6433713 Datasheet HTML 88Page - Renesas Technology Corp HD6433713 Datasheet HTML 89Page - Renesas Technology Corp HD6433713 Datasheet HTML 90Page - Renesas Technology Corp HD6433713 Datasheet HTML 91Page - Renesas Technology Corp HD6433713 Datasheet HTML 92Page - Renesas Technology Corp HD6433713 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 324 page
background image
1.
Sleep mode
Operation in sleep mode is described below.
•
Transition to sleep mode
The system goes from active mode to sleep mode when a SLEEP instruction is executed while
the SSBY bit in system control register 1 (SYSCR1) is cleared to 0. In this mode CPU
operation is halted but the register, RAM, and port contents are retained. The clock pulse
generator operates, as do external interrupts (IRQ1 and IRQ0) and timer A.
•
Clearing sleep mode
Sleep mode is cleared by an interrupt (IRQ1, IRQ0, or timer A) or by input at the RES pin.
— Clearing by interrupt (IRQ1, IRQ0, or timer A)
When an IRQ1, IRQ0, or timer A interrupt is requested, sleep mode is cleared and interrupt
exception handling starts. Sleep mode is not cleared if the I bit in the condition code
register (CCR) is set to 1 or the particular interrupt is disabled in the interrupt enable
register.
Before transition to sleep mode, other interrupts should be disabled.
— Clearing by
RES input
When the
RES pin goes low, the CPU goes into the reset state and sleep mode is cleared.
2.
Standby mode
Operation in standby mode is described below.
•
Transition to standby mode
The system goes from active mode to standby mode when a SLEEP instruction is executed
while the SSBY bit in system control register 1 (SYSCR1) is set to 1 and bit TMA3 in timer
mode register A (TMA) is cleared to 0. In standby mode the clock pulse generator stops, so
the CPU and on-chip peripheral modules stop functioning. As long as a minimum required
voltage is applied, the CPU register contents and data in the on-chip RAM will be retained.
Standard I/O ports go to the high-impedance state. In high-voltage ports, the PMOS buffer
transistors are switched off.
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com