Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 79Page - Renesas Technology Corp HD6433713 Datasheet HTML 80Page - Renesas Technology Corp HD6433713 Datasheet HTML 81Page - Renesas Technology Corp HD6433713 Datasheet HTML 82Page - Renesas Technology Corp HD6433713 Datasheet HTML 83Page - Renesas Technology Corp HD6433713 Datasheet HTML 84Page - Renesas Technology Corp HD6433713 Datasheet HTML 85Page - Renesas Technology Corp HD6433713 Datasheet HTML 86Page - Renesas Technology Corp HD6433713 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 324 page
background image
3.2.7 Return from an Interrupt
After completion of interrupt handling, the handler routine ends by executing an RTE instruction,
to resume the original program from the point the interrupt. When RTE is executed, the values
saved on the stack are restored to CCR and PC as shown in figure 3-6. Instruction execution
resumes from the address indicated in PC.
Figure 3-6 Stack State When RTE Instruction is Executed
3.2.8 Interrupt Response Time
Table 3-4 shows the number of wait states after an interrupt request flag is set and until the first
instruction of the interrupt handler is executed.
Table 3-4 Interrupt Wait States
No.
Item
States
1
Waiting time for completion of current instruction*
1 to 13
2
Saving of PC and CCR to stack
4
3
Vector fetch
2
4
Instruction fetch
4
5
Internal processing
4
Total
15 to 27
Note: * Not including EEPMOV instruction.
(Processing of RTE instruction)
(Stack state)
Memory contents of address
indicated in SP are sent to CCR.
SP value +2
Memory contents of address
indicated in SP are sent to PC.
SP value +2
CCR
CCR *
SP (R7)
SP + 1
SP + 2
SP + 3
SP + 4
SP – 4
SP – 3
SP – 2
SP – 1
SP (R7)
PC H
PC L
CCR
CCR *
PC H
PC L
Stack
area
Stack
area
CCR and PC
values restored
Before RTE instruction is executed
After RTE instruction is executed
∗ Ignored on return from interrupt.
Note:
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com