Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 91Page - Renesas Technology Corp HD6433713 Datasheet HTML 92Page - Renesas Technology Corp HD6433713 Datasheet HTML 93Page - Renesas Technology Corp HD6433713 Datasheet HTML 94Page - Renesas Technology Corp HD6433713 Datasheet HTML 95Page - Renesas Technology Corp HD6433713 Datasheet HTML 96Page - Renesas Technology Corp HD6433713 Datasheet HTML 97Page - Renesas Technology Corp HD6433713 Datasheet HTML 98Page - Renesas Technology Corp HD6433713 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 324 page
background image
Bits 6 to 4: Standby timer select 2 to 0 (STS2 to STS0)
When a mode in which the system clock is stopped (standby, watch, or subactive mode) is cleared,
the system waits for stable clock operation for a time set in these bits. The designation should be
made according to the clock frequency so that the waiting time is at least 10 ms.
Bit 6
Bit 5
Bit 4
STS2
STS1
STS0
Explanation
0
0
0
Wait time = 8,192
states. (initial value)
0
0
1
Wait time = 16,384 states.
0
1
0
Wait time = 32,768 states.
0
1
1
Wait time = 65,536 states.
1
**
Wait time = 131,072 states.
Note: * Don’t care.
Bit 3: Low speed on flag (LSON)
This bit chooses the system clock (
φ) or subclock (φ
SUB) as the CPU operating clock when watch
mode is cleared. Since this relates to the transitions between operation modes, this bit functions in
combination with other control bits and interrupt input.
Bit 3
LSON
Explanation
0
The CPU operates on the system clock (
φ).
(initial value)
1
The CPU operates on the subclock (
φSUB).
Bit 2: Reserved bit
This bit is reserved, but it can be written and read.
Bits 1 and 0: Reserved bits
These bits are reserved; they always read 0, and cannot be modified.
84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com