Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 68Page - Renesas Technology Corp HD6433713 Datasheet HTML 69Page - Renesas Technology Corp HD6433713 Datasheet HTML 70Page - Renesas Technology Corp HD6433713 Datasheet HTML 71Page - Renesas Technology Corp HD6433713 Datasheet HTML 72Page - Renesas Technology Corp HD6433713 Datasheet HTML 73Page - Renesas Technology Corp HD6433713 Datasheet HTML 74Page - Renesas Technology Corp HD6433713 Datasheet HTML 75Page - Renesas Technology Corp HD6433713 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 324 page
background image
Bit 1: IRQ1 pin input edge select (IEG1)
Bit 1
IEG1
Description
0
Falling edge of IRQ1 pin input is detected.
(initial value)
1
Rising edge of IRQ1 pin input is detected.
Bit 0: IRQ0 pin input edge select (IEG0)
Bit 0
IEG0
Description
0
Falling edge of IRQ0 pin input is detected.
(initial value)
1
Rising edge of IRQ0 pin input is detected.
3.
Interrupt enable register 1 (IENR1)
IENR1 is an 8-bit read/write register that enables or disables external interrupts.
Bits 7 and 6: Reserved bits
Bits 7 and 6 are reserved; they always read 1, and cannot be modified.
Bits 5 and 4: IRQ5 and IRQ4 interrupt enable (IEN5 and IEN4)
Bits 5 and 4
IEN5, IEN4
Description
0
Disables interrupt requests by IRRI5 and IRRI4.
(initial value)
1
Enables interrupt requests by IRRI5 and IRRI4.
Bits 3 and 2: Reserved bits
Bits 3 and 2 are reserved, but they can be written and read.
Bits 1 and 0: IRQ1 and IRQ0 interrupt enable (IEN1 and IEN0)
Bits 1 and 0
IEN1, IEN0
Description
0
Disables interrupt requests by IRRI1 and IRRI0.
(initial value)
1
Enables interrupt requests by IRRI1 and IRRI0.
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
IEN5
0
R/W
4
IEN4
0
R/W
3
—
0
R/W
0
IEN0
0
R/W
2
—
0
R/W
1
IEN1
0
R/W
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com