Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 10Page - Renesas Technology Corp HD6433713 Datasheet HTML 11Page - Renesas Technology Corp HD6433713 Datasheet HTML 12Page - Renesas Technology Corp HD6433713 Datasheet HTML 13Page - Renesas Technology Corp HD6433713 Datasheet HTML 14Page - Renesas Technology Corp HD6433713 Datasheet HTML 15Page - Renesas Technology Corp HD6433713 Datasheet HTML 16Page - Renesas Technology Corp HD6433713 Datasheet HTML 17Page - Renesas Technology Corp HD6433713 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 324 page
background image
Table 1-1 Features (cont)
Item
Description
Timers
• Timer A: 8-bit interval timer
Count-up timer with selection of eight internal clock signals divided from
the system clock (
φ)* and four clock signals divided from the subclock
(
φ
SUB)
• Timer B: 8-bit reload timer
Count-up timer with selection of seven internal clock signals or event input
from pin P10/IRQ0
• Timer C: 8-bit reload timer
Count-up/count-down timer with selection of seven internal clock signals
or event input from pin P11/IRQ1
• Timer D: 8-bit event counter
Up-counter for counting input from pin P16/EVENT
• Timer E: 8-bit reloadable timer
Count-up timer with selection of eight internal clock signals. Square-wave
(50% duty cycle) output with a fixed frequency or variable frequency
controlled by timer E overflow can be selected by pin P15/IRQ5/TMOE
settings.
Note: *
φ indicates a clock frequency that is divided in half from the original
oscillator frequency
14-bit PWM
• Pulse-division PWM designed for less ripple
• Can be used as a 14-bit D/A converter by connecting to an external low-
pass filter
VFD
• Up to 24 segment pins and up to 16 digit pins (of which 8 are for both
driver/controller
uses)
• Brightness adjustable in 8 steps (dimmer function)
• Digit and segment pins can be switched to use as general-purpose high-
voltage pins
• Key scan interval can be enabled or disabled
• Interrupt can be requested when key scan interval starts
• 2-channel synchronous SCI1 and SCI2
• Choice of 8-bit or 16-bit data transfer (SCI1)
• Automatic transfer of 32-byte data (SCI2)
• Overrun error detection possible
• Interrupt can be requested when transfer is complete
Serial communica-
tion interface
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com