Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 88Page - Renesas Technology Corp HD6433713 Datasheet HTML 89Page - Renesas Technology Corp HD6433713 Datasheet HTML 90Page - Renesas Technology Corp HD6433713 Datasheet HTML 91Page - Renesas Technology Corp HD6433713 Datasheet HTML 92Page - Renesas Technology Corp HD6433713 Datasheet HTML 93Page - Renesas Technology Corp HD6433713 Datasheet HTML 94Page - Renesas Technology Corp HD6433713 Datasheet HTML 95Page - Renesas Technology Corp HD6433713 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 324 page
background image
•
Clearing subactive mode
Subactive mode is cleared by a SLEEP instruction or by input at the
RES pin.
— Clearing by SLEEP instruction
When a SLEEP instruction is executed in subactive mode, subactive mode is cleared.
If the DTON bit of system control register 2 (SYSCR2) is cleared to 0 when the SLEEP
instruction is executed, the system goes to watch mode. If DTON = 1 and
LSON = 0, a direct transfer interrupt is requested and the clock pulse generator starts.
After the time set in bits STS2 to STS0 in system control register 1 (SYSCR1) has elapsed,
a stable clock signal is supplied to the entire chip, and the system goes to active mode.
Before the transition to active mode, other interrupts should be disabled. The direct
transfer from subactive mode to active mode does not take place if the I bit in the condition
code register (CCR) is set to 1 or the direct transfer interrupt is disabled in the interrupt
enable register.
— Clearing by
RES input
When the
RES pin goes low, the clock pulse generator starts and subactive mode is
cleared. After the pulse generator output has stabilized, if the
RES pin is driven high, the
CPU starts reset exception handling.
Since clock signals are supplied to the entire chip as soon as the clock pulse generator
starts functioning, the
RES pin should be kept at the low level until the pulse generator
output stabilizes.
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com