Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 65Page - Renesas Technology Corp HD6433713 Datasheet HTML 66Page - Renesas Technology Corp HD6433713 Datasheet HTML 67Page - Renesas Technology Corp HD6433713 Datasheet HTML 68Page - Renesas Technology Corp HD6433713 Datasheet HTML 69Page - Renesas Technology Corp HD6433713 Datasheet HTML 70Page - Renesas Technology Corp HD6433713 Datasheet HTML 71Page - Renesas Technology Corp HD6433713 Datasheet HTML 72Page - Renesas Technology Corp HD6433713 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 324 page
background image
3.2.3 Interrupt Control Registers
Table 3-3 lists the registers that are used to control interrupts.
Table 3-3 Interrupt Control Registers
Register Name
Abbreviation
R/W
Initial Value
Address
Port mode register 1
PMR1
R/W
H'0C
H'FFEB
IRQ edge select register
IEGR
R/W
H'EC
H'FFF2
Interrupt enable register 1
IENR1
R/W
H'C0
H'FFF3
Interrupt enable register 2
IENR2
R/W
H'00
H'FFF4
Interrupt enable register 3
IENR3
R/W
H'3C
H'FFF5
Interrupt request register 1
IRR1
R/W*
H'C0
H'FFF6
Interrupt request register 2
IRR2
R/W*
H'00
H'FFF7
Interrupt request register 3
IRR3
R/W*
H'3C
H'FFF8
Note: * Write is enabled only for writing of 0 to clear flag.
1.
Port mode register 1 (PMR1)
PMR1 is an 8-bit read/write register that designates whether pins in port 1 are used for general-
purpose I/O or for external interrupt input. It is also used to turn the noise canceller function of
pin IRQ0 on or off.
Note: Before switching a pin function by modifying bit IRQ5, IRQ4, IRQ1, or IRQ0 in PMR1,
first clear the interrupt enable flag to disable the interrupt. After the pin function has been
switched, issue any instruction, then clear the interrupt request flag to 0.
Program example:
MOV. B R0L, @IENR1
...................... Disable interrupt
MOV. B R0L, @PMR1
...................... Change pin function
NOP
...................... Issue any instruction
MOV. B R0L, @IRR1
...................... Clear interrupt request flag
MOV. B R1L, @IENR1
...................... Enable interrupt
Bit
Initial value
Read/Write
7
0
R/W
6
EVENT
0
R/W
5
IRQC5
0
R/W
4
IRQC4
0
R/W
3
—
1
—
0
IRQC0
0
R/W
2
—
1
—
1
IRQC1
0
R/W
NOISE
CANCEL
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com