Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 86Page - Renesas Technology Corp HD6433713 Datasheet HTML 87Page - Renesas Technology Corp HD6433713 Datasheet HTML 88Page - Renesas Technology Corp HD6433713 Datasheet HTML 89Page - Renesas Technology Corp HD6433713 Datasheet HTML 90Page - Renesas Technology Corp HD6433713 Datasheet HTML 91Page - Renesas Technology Corp HD6433713 Datasheet HTML 92Page - Renesas Technology Corp HD6433713 Datasheet HTML 93Page - Renesas Technology Corp HD6433713 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 324 page
background image
•
Clearing standby mode
Standby mode is cleared by an external interrupt (IRQ1, IRQ0) or by input at the RES pin.
— Clearing by interrupt (IRQ1, IRQ0)
When an IRQ1 or IRQ0 interrupt signal is input, the clock pulse generator starts. After the
time set in bits STS2 to STS0 in system control register 1 (SYSCR1) has elapsed, a stable
clock signal is supplied to the entire chip, standby mode is cleared, and interrupt exception
handling starts. Before the transition to standby mode, other interrupts should be disabled.
Standby mode is not cleared if the I bit in the condition code register (CCR) is set to 1 or
the particular interrupt is disabled in the interrupt enable register.
— Clearing by
RES input
When the
RES pin goes low, the clock pulse generator starts and standby mode is cleared.
After the pulse generator output has stabilized, if the
RES pin is driven high, the CPU
starts reset exception handling.
Since clock signals are supplied to the entire chip as soon as the clock pulse generator
starts functioning, the
RES pin should be kept at the low level until the pulse generator
output stabilizes.
3.
Watch mode
Operation in watch mode is described below.
•
Transition to watch mode
From active mode, watch mode is entered when a SLEEP instruction is executed while the
SSBY bit in system control register 1 (SYSCR1) is set to 1 and bit TMA3 in timer mode
register A (TMA) is set to 1. From subactive mode, watch mode is entered when a SLEEP
instruction is executed while the DTON bit in system control register 2 (SYSCR2) is cleared
to 0.
In watch mode, operation of the system clock pulse generator and of on-chip peripheral
modules is halted, except for the time-base function of timer A. Output from the on-chip
peripheral modules is reset; but as long as a minimum required voltage is applied, the contents
of the internal registers of the CPU and on-chip peripheral modules, and the on-chip RAM
contents, are retained.
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com