Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 32Page - Renesas Technology Corp HD6433713 Datasheet HTML 33Page - Renesas Technology Corp HD6433713 Datasheet HTML 34Page - Renesas Technology Corp HD6433713 Datasheet HTML 35Page - Renesas Technology Corp HD6433713 Datasheet HTML 36Page - Renesas Technology Corp HD6433713 Datasheet HTML 37Page - Renesas Technology Corp HD6433713 Datasheet HTML 38Page - Renesas Technology Corp HD6433713 Datasheet HTML 39Page - Renesas Technology Corp HD6433713 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 324 page
background image
8.
Memory Indirect—@@aa:8: This mode can be used by the JMP and JSR instructions. The
second byte of the instruction code specifies an 8-bit absolute address. The word located at
this address contains the branch destination address.
The upper 8 bits of the absolute address are assumed to be 0 (H'00), so the address range is
from H'0000 to H'00FF (0 to 255). Note that with the H8/3714 Series, addresses H'0000 to
H'002B (0 to 43) are located in the vector table.
If an odd address is specified as a branch destination or as the operand address of a MOV.W
instruction, the least significant bit is regarded as 0, causing word access to be performed at
the address preceding the specified address. See 2.3.2, Memory Data Formats, for further
information.
2.4.2 Effective Address Calculation
Table 2-2 shows how effective addresses are calculated in each of the addressing modes.
Arithmetic and logic instructions use register direct addressing (1). The ADD.B, ADDX, SUBX,
CMP.B, AND, OR, and XOR instructions can also use immediate addressing (6).
Data transfer instructions can use all addressing modes except program-counter relative (7) and
memory indirect (8).
Bit manipulation instructions use register direct (1), register indirect (2), or absolute addressing (5)
to specify a byte operand, and 3-bit immediate addressing (6) to specify a bit position in that byte.
The BSET, BCLR, BNOT, and BTST instructions can also use register direct addressing (1) to
specify the bit position.
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com