Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 13Page - Renesas Technology Corp HD6433713 Datasheet HTML 14Page - Renesas Technology Corp HD6433713 Datasheet HTML 15Page - Renesas Technology Corp HD6433713 Datasheet HTML 16Page - Renesas Technology Corp HD6433713 Datasheet HTML 17Page - Renesas Technology Corp HD6433713 Datasheet HTML 18Page - Renesas Technology Corp HD6433713 Datasheet HTML 19Page - Renesas Technology Corp HD6433713 Datasheet HTML 20Page - Renesas Technology Corp HD6433713 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 324 page
background image
1.3 Pin Arrangement and Functions
1.3.1 Pin Arrangement
The pin arrangements for the H8/3714 Series are shown in figure 1-2 (FP-64A) and figure 1-3
(DP-64S).
Figure 1-2 Pin Arrangement (FP-64A: Top View)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AV
P0 /AN
P0 /AN
P0 /AN
P0 /AN
P0 /AN
P0 /AN
P0 /AN
P0 /AN
AV
TEST
X
X
V
OSC
OSC
0
1
2
3
4
5
6
7
CC
0
1
2
3
4
5
6
7
SS
2
1
SS
1
2
P7 /FD
P6 /FD /FS
P6 /FD /FS
P6 /FD /FS
P6 /FD /FS
P6 /FD /FS
P6 /FD /FS
P6 /FD /FS
P6 /FD /FS
P1 /V
P5 /FS
P5 /FS
P5 /FS
P5 /FS
P5 /FS
P5 /FS
0
7
6
5
4
3
2
1
0
7
7
6
5
4
3
2
disp
8
7
6
5
4
3
2
1
0
8
9
10
11
12
13
0
1
2
3
4
5
6
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com