Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 80Page - Renesas Technology Corp HD6433713 Datasheet HTML 81Page - Renesas Technology Corp HD6433713 Datasheet HTML 82Page - Renesas Technology Corp HD6433713 Datasheet HTML 83Page - Renesas Technology Corp HD6433713 Datasheet HTML 84Page - Renesas Technology Corp HD6433713 Datasheet HTML 85Page - Renesas Technology Corp HD6433713 Datasheet HTML 86Page - Renesas Technology Corp HD6433713 Datasheet HTML 87Page - Renesas Technology Corp HD6433713 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 324 page
background image
3.2.9 Valid Interrupts in Each Mode
Table 3-5 shows the valid interrupts in each mode. For details of the modes, see 3.3, System
Modes.
Table 3-5 Valid Interrupts in Each Mode
Mode
Interrupt
Active
Sleep
Standby
Watch
Subactive
IRQ0
rrrrr
IRQ1
rrr
××
IRQ4
r
××××
IRQ5
r
××××
Key scan
r
××××
Timer A overflow
rr
×
rr
Timer B overflow
r
××××
Timer C overflow
r
××××
Timer D overflow
r
××××
Timer E overflow
r
××××
Direct transfer
××××∆
SCI1 transfer complete or error
r
××××
SCI2 transfer complete or error
r
××××
A/D conversion end
r
××××
Note: The above table does not include interrupts occurring during a mode transition.
Notation:
r
: When an interrupt request flag is set, interrupt exception handling is started if the I bit = 0 in
CCR and the interrupt enable bit = 1 for that interrupt. In sleep mode, standby mode, and
watch mode, a mode transition takes place before interrupt exception handling starts.
∆: When a SLEEP instruction is executed while the DTON bit = 1 and the LSON bit = 0, first a
transition is made to watch mode and the interrupt request flag is set in synchronization with
the subclock. When the interrupt request flag is set, if the interrupt enable flag = 1 for that
interrupt and the I bit = 0 in CCR, a transition is made to active mode and interrupt exception
handling starts.
×: The interrupt request flag is not set, and no mode transition occurs.
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com