Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 71Page - Renesas Technology Corp HD6433713 Datasheet HTML 72Page - Renesas Technology Corp HD6433713 Datasheet HTML 73Page - Renesas Technology Corp HD6433713 Datasheet HTML 74Page - Renesas Technology Corp HD6433713 Datasheet HTML 75Page - Renesas Technology Corp HD6433713 Datasheet HTML 76Page - Renesas Technology Corp HD6433713 Datasheet HTML 77Page - Renesas Technology Corp HD6433713 Datasheet HTML 78Page - Renesas Technology Corp HD6433713 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 324 page
background image
Bits 5 and 4: IRQ5 and IRQ4 interrupt request (IRRI5 and IRRI4)
Bits 5 and 4
IRRI5, IRRI4
Description
0
No interrupt request from the corresponding pin (IRQ5 or IRQ4). (initial value)
1
Setting condition: Set when the corresponding pin (IRQ5 or IRQ4) is
designated for interrupt input in PMR1 and the designated edge is input.
Clearing method: Cleared when software writes 0 in the flag. (The flag is not
automatically cleared when an interrupt is accepted.)
Bits 3 and 2: Reserved bits
Bits 3 and 2 are reserved; they always read 0, and cannot be modified.
Bits 1 and 0: IRQ1 and IRQ0 interrupt request (IRRI1 and IRRI0)
Bits 1 and 0
IRRI1, IRRI0
Description
0
No interrupt request from the corresponding pin (IRQ1 or IRQ0). (initial value)
1
Setting condition: Set when the corresponding pin (IRQ1 or IRQ0) is
designated for interrupt input in PMR1 and the designated edge is input.
Clearing method: Cleared when software writes 0 in the flag. (The flag is not
automatically cleared when an interrupt is accepted.)
7.
Interrupt request register 2 (IRR2)
Note: * Only 0 can be written, to clear the flag.
IRR2 is an 8-bit read/write register with flags that are set to 1 when a direct transfer interrupt or
timer A to E overflow interrupt is requested.
Bits 7 and 6: Reserved bits
Bits 7 and 6 are reserved; they always read 0, and only 0 may be written.
Bit
Initial value
Read/Write
7
—
0
—
6
—
0
—
5
IRRDT
0
R/W
4
IRRTE
0
R/W
3
IRRTD
0
R/W
0
IRRTA
0
R/W
2
IRRTC
0
R/W
1
IRRTB
0
R/W
*
*
**
**
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com