Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 89Page - Renesas Technology Corp HD6433713 Datasheet HTML 90Page - Renesas Technology Corp HD6433713 Datasheet HTML 91Page - Renesas Technology Corp HD6433713 Datasheet HTML 92Page - Renesas Technology Corp HD6433713 Datasheet HTML 93Page - Renesas Technology Corp HD6433713 Datasheet HTML 94Page - Renesas Technology Corp HD6433713 Datasheet HTML 95Page - Renesas Technology Corp HD6433713 Datasheet HTML 96Page - Renesas Technology Corp HD6433713 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 324 page
background image
3.3.3 Application Notes
1.
In order to ensure sufficient time for the clock pulse generator to reach stable operation after
clearing of standby mode or watch mode, or after a direct transfer from subactive to active
mode, bits STS2 to STS0 in system control register 1 (SYSCR1) should be set as follows.
•
When a ceramic oscillator is used
Set bits STS2 to STS0 for a waiting time of at least 10 ms (see figure 3-9). For details, see
3.4.1, System Control Register 1 (SYSCR1).
•
When an external clock is used
Any values may be set. Normally the minimum time (STS2 = STS1 = STS0 = 0) should be
set.
Figure 3-9 Waiting Time
2.
To make a transition from subactive mode to active mode, the LSON bit in SYSCR1 should
be cleared to 0 and the DTON bit in system control register 2 (SYSCR2) should be set to 1.
Direct transfer is not possible when the LSON bit = 1.
Power-on
or standby
cleared
V
t
Oscillator stabilization time tr
Waiting time
≥10 ms
Oscillator waveform
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com