Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 83Page - Renesas Technology Corp HD6433713 Datasheet HTML 84Page - Renesas Technology Corp HD6433713 Datasheet HTML 85Page - Renesas Technology Corp HD6433713 Datasheet HTML 86Page - Renesas Technology Corp HD6433713 Datasheet HTML 87Page - Renesas Technology Corp HD6433713 Datasheet HTML 88Page - Renesas Technology Corp HD6433713 Datasheet HTML 89Page - Renesas Technology Corp HD6433713 Datasheet HTML 90Page - Renesas Technology Corp HD6433713 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 324 page
background image
3.3.1 Active Mode
In active mode, the CPU executes instructions in synchronization with the system clock.
3.3.2 Low-Power Operation Mode
The H8/300L CPU supports four low-power operation modes: sleep mode, standby mode, watch
mode, and subactive mode. These modes are described below.
Sleep mode:
Sleep mode is entered by executing a SLEEP instruction while the SSBY bit
in system control register 1 (SYSCR1) is cleared to 0. As soon as the SLEEP
instruction has been executed, the CPU and on-chip peripheral modules halt
operation, except for timer A. The contents of the internal registers of the
CPU and on-chip peripheral modules, as well as the RAM contents, are
retained.
Standby mode:
Standby mode is entered by executing a SLEEP instruction while the SSBY
bit in system control register 1 (SYSCR1) is set to 1 and timer mode register
A (TMA) bit TMA3 = 0. In this mode, the CPU, system clock, and on-chip
peripheral modules halt all operations. Output from the on-chip peripheral
modules is reset; but as long as a minimum required voltage is applied, the
contents of the internal registers of the CPU and on-chip peripheral modules,
as well as the RAM contents, are retained. Standard I/O ports go to the high-
impedance state. In high-voltage ports, the PMOS buffer transistors are
switched off.
Watch mode:
Watch mode is entered by executing a SLEEP instruction while the SSBY bit
in system control register 1 (SYSCR1) is set to 1 and timer mode register A
(TMA) bit TMA3 = 1. In this mode, the CPU, system clock, and on-chip
peripheral modules halt, except for timer A. Output from the on-chip
peripheral modules is reset; but as long as a minimum required voltage is
applied, the contents of the internal registers of the CPU and on-chip
peripheral modules, as well as the RAM contents, are retained. Standard I/O
ports go to the high-impedance state. In high-voltage ports, the PMOS buffer
transistors are switched off.
Subactive mode:
Subactive mode is entered when a time base or IRQ0 interrupt request is
accepted in watch mode while the LSON bit in system control register 1
(SYSCR1) is set to 1. In this mode the CPU operates in synchronization with
the subclock. On-chip peripheral modules halt operation, except for the time-
base function of timer A. Output from the on-chip peripheral modules is
reset; but as long as a minimum required voltage is applied, the contents of the
internal registers of the on-chip peripheral modules are retained. Standard I/O
ports go to the high-impedance state. In high-voltage ports, the PMOS buffer
transistors are switched off.
76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com