Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 92Page - Renesas Technology Corp HD6433713 Datasheet HTML 93Page - Renesas Technology Corp HD6433713 Datasheet HTML 94Page - Renesas Technology Corp HD6433713 Datasheet HTML 95Page - Renesas Technology Corp HD6433713 Datasheet HTML 96Page - Renesas Technology Corp HD6433713 Datasheet HTML 97Page - Renesas Technology Corp HD6433713 Datasheet HTML 98Page - Renesas Technology Corp HD6433713 Datasheet HTML 99Page - Renesas Technology Corp HD6433713 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 324 page
background image
3.4.2 System Control Register 2 (SYSCR2)
Note: * Write is enabled only in subactive mode.
SYSCR2 is an 8-bit read/write register for control of direct transfer from subactive mode to active
mode.
Bits 7 to 4: Reserved bits
These bits are reserved; they always read 1, and cannot be modified.
Bit 3: Direct transfer on flag (DTON)
This bit designates whether a transition is made to active mode or to watch mode when a SLEEP
instruction is executed in subactive mode. When transfer to active mode is designated, the
transition takes place via watch mode to allow time for the clock pulse generator to stabilize.
Bit 3
DTON
Explanation
0
When a SLEEP instruction is executed in subactive mode, a transition is
(initial value)
made to watch mode.
1
When a SLEEP instruction is executed in subactive mode while the LSON bit in system
control register 1 (SYSCR1) is cleared to 0, a direct transfer interrupt is requested, and
the system goes to active mode via watch mode.
Bit 2: Reserved bit
This bit is reserved; it always reads 1, and cannot be modified.
Bits 1 and 0: Reserved bits
These bits are reserved, but they can be written and read.
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
—
1
—
3
DTON
0
W
0
—
0
R/W
2
—
1
—
1
—
0
R/W
*
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com