Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 21Page - Renesas Technology Corp HD6433713 Datasheet HTML 22Page - Renesas Technology Corp HD6433713 Datasheet HTML 23Page - Renesas Technology Corp HD6433713 Datasheet HTML 24Page - Renesas Technology Corp HD6433713 Datasheet HTML 25Page - Renesas Technology Corp HD6433713 Datasheet HTML 26Page - Renesas Technology Corp HD6433713 Datasheet HTML 27Page - Renesas Technology Corp HD6433713 Datasheet HTML 28Page - Renesas Technology Corp HD6433713 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 324 page
background image
Table 1-3 Pin Functions (cont)
Pin No.
Type
Symbol FP-64A DP-64S I/O
Name and Functions
I/O ports
P07 to
9 to 2
18 to 11 Input
Port 0: This is an 8-bit input port.
P00
P17
39
48
Input
Port 1 (bit 7): This is a 1-bit high-
voltage input pin.
P16
22
31
Input
Port 1 (bit 6): This is a 1-bit input pin.
P15, P14, 21 to 18 30 to 27 I/O
Port 1: This is a 4-bit group of I/O pins.
P11, P10
Input or output can be designated for
each bit by means of port control
register 1 (PCR1).
P47 to
23 to 30 32 to 39 I/O
Port 4: This is an 8-bit high-voltage I/O
P40
port.
P57 to
38 to 31 47 to 40 I/O
Port 5: This is an 8-bit high-voltage I/O
P50
port.
P67 to
47 to 40 56 to 49 I/O
Port 6: This is an 8-bit high-voltage I/O
P60
port.
P77 to
55 to 48 64 to 57 I/O
Port 7: This is an 8-bit high-voltage I/O
P70
port.
P97 to
64 to 57 9 to 2
I/O
Port 9: This is an 8-bit I/O port. Input or
P90
output can be designated for each bit by
means of PCR9.
A/D converter
AN7 to
9 to 2
18 to 11 Input
Analog input channels 7 to 0: These
AN0
are analog data input channels to the
A/D converter.
VFD controller/
FD15 to
55 to 40 64 to 49 Output VFD digit output: These are digit output
driver
FD0
pins from the VFD controller/driver.
23 to 38 32 to 47 I/O
VFD segment output: These are
40 to 47 49 to 56
segment output pins from the VFD
controller/driver. When a key scan
interval is set during display operations,
these pins can be used by the CPU
during this interval as general-purpose
I/O ports.
FS23 to
FS8
FS7 to
FS0
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com