Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 54Page - Renesas Technology Corp HD6433713 Datasheet HTML 55Page - Renesas Technology Corp HD6433713 Datasheet HTML 56Page - Renesas Technology Corp HD6433713 Datasheet HTML 57Page - Renesas Technology Corp HD6433713 Datasheet HTML 58Page - Renesas Technology Corp HD6433713 Datasheet HTML 59Page - Renesas Technology Corp HD6433713 Datasheet HTML 60Page - Renesas Technology Corp HD6433713 Datasheet HTML 61Page - Renesas Technology Corp HD6433713 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 324 page
background image
2.7 Basic Operation Timing
CPU operation is synchronized by a clock (
φ
i). φi is either the system clock (φ) generated by the
system clock oscillator circuit, or the subclock (
φ
SUB) generated by the subclock oscillator circuit.
φ
i denotes φ in active mode and φSUB in subactive mode. For details, see section 6, Clock Pulse
Generators. The period from the rising edge of
φ
i to the next rising edge is called one state. A
memory cycle or bus cycle consists of two states; access to on-chip memory and to on-chip
peripheral modules always takes place in two states.
2.7.1 Access to On-Chip Memory (RAM, ROM)
Two-state access is employed for on-chip memory. The data bus width is 16 bits, allowing access
in byte or word size. Figure 2-14 shows the on-chip memory access cycle.
Figure 2-14 On-Chip Memory Access Cycle
T1 state
Bus cycle
T2 state
φ
Internal address bus
Internal read signal
Internal data bus
(read access)
Internal write signal
Read data
Address
Write data
Internal data bus
(write access)
i
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com