Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 73Page - Renesas Technology Corp HD6433713 Datasheet HTML 74Page - Renesas Technology Corp HD6433713 Datasheet HTML 75Page - Renesas Technology Corp HD6433713 Datasheet HTML 76Page - Renesas Technology Corp HD6433713 Datasheet HTML 77Page - Renesas Technology Corp HD6433713 Datasheet HTML 78Page - Renesas Technology Corp HD6433713 Datasheet HTML 79Page - Renesas Technology Corp HD6433713 Datasheet HTML 80Page - Renesas Technology Corp HD6433713 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 324 page
background image
Bit 6: Key scan interrupt request (IRRKS)
Bit 6
IRRKS
Description
0
No key scan interrupt request.
(initial value)
1
Setting conditions: When the VFD controller/driver requests a key scan interrupt,
the IRRKS flag is set to 1.
Clearing method: Cleared when software writes 0 in the flag. (The flag is not
automatically cleared when an interrupt is accepted.)
Bits 5 to 2: Reserved bits
Bits 5 to 2 are reserved; they always read 1, and cannot be modified.
Bits 1 and 0: Serial communication interface 2 and 1 interrupt request (IRRS2, IRRS1)
Bits 1, 0
IRRS2, IRRS1
Description
0
No transfer complete or error interrupt request by the
(initial value)
corresponding serial communication interface.
1
Setting conditions: When an interrupt is requested due to transfer complete or
error on serial communication interface 2 or 1, the corresponding flag (IRRS2 or
IRRS1) is set to 1.
Clearing method: Cleared when software writes 0 in the flag. (The flag is not
automatically cleared when an interrupt is accepted.)
3.2.4 External Interrupts
There are four external interrupts, IRQ5, IRQ4, IRQ1, and IRQ0. These interrupts are requested by
means of input signals at pins IRQ5, IRQ4, IRQ1, and IRQ0.
Interrupts IRQ4, IRQ1, and IRQ0 are detected by either rising edge sensing or falling edge
sensing, depending on the settings of bits IEG4, IEG1, and IEG0 in the IRQ edge select register
(IEGR). IRQ5 is detected by falling edge sensing only. In order to enable external interrupt input,
it is first necessary to set the corresponding bit in port mode register 1 (PMR1) to 1.
When the designated edge is input at pins IRQ5, IRQ4, IRQ1, and IRQ0, the corresponding flag in
interrupt request register 1 (IRR1) is set to 1. After the interrupt is accepted, the flag that was set
is not automatically cleared, so the interrupt handling routine must be programmed to clear the
flag to 0. A given interrupt request can be disabled by clearing its interrupt enable bit to 0.
Interrupts IRQ5, IRQ4, IRQ1, and IRQ0 are enabled by setting bits IEN5, IEN4, IEN1, and IEN0
to 1 in interrupt enable register 1. All interrupts can be masked by setting the I bit in CCR to 1.
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com