Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 11Page - Renesas Technology Corp HD6433713 Datasheet HTML 12Page - Renesas Technology Corp HD6433713 Datasheet HTML 13Page - Renesas Technology Corp HD6433713 Datasheet HTML 14Page - Renesas Technology Corp HD6433713 Datasheet HTML 15Page - Renesas Technology Corp HD6433713 Datasheet HTML 16Page - Renesas Technology Corp HD6433713 Datasheet HTML 17Page - Renesas Technology Corp HD6433713 Datasheet HTML 18Page - Renesas Technology Corp HD6433713 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 324 page
background image
Table 1-1 Features (cont)
Item
Description
A/D converter
• Successive approximations using a resistance ladder
• Resolution: 8 bits
• 8-channel analog input port
• Conversion time: 31/
φ or 62/φ per channel
• Interrupt can be requested at completion of A/D conversion
I/O ports
• High-voltage I/O pins: 32
• High-voltage input pin: 1
• Standard-voltage I/O pins: 12
• Standard-voltage input pins: 9
Interrupts
• Four external interrupt pins: IRQ5, IRQ4, IRQ1, IRQ0
• Ten internal interrupt sources
• Sleep mode
• Standby mode
• Watch mode
• Subactive mode
Other
• Built-in pulse generators for system clock and subclock
• Timer A can run on the subclock for use as a time base
Product lineup
Product Code
Mask ROM Version
ZTAT
™ Version
Package
ROM/RAM Size
HD6433714H
HD6473714H
64 pin GFP
ROM: 32 kbytes
(FP-64A)
RAM: 512 bytes
HD6433714P
HD6473714P
64 pin SDIP
(DP-64S)
HD6433713H
—
64 pin QFP
ROM: 24 kbytes
(FP-64A)
RAM: 384 bytes
HD6433713P
—
64 pin SDIP
(DP-64S)
HD6433712H
—
64 pin QFP
ROM: 16 kbytes
(FP-64A)
RAM: 384 bytes
HD6433712P
—
64 pin SDIP
(DP-64S)
Low power operation
modes
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com