Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 64Page - Renesas Technology Corp HD6433713 Datasheet HTML 65Page - Renesas Technology Corp HD6433713 Datasheet HTML 66Page - Renesas Technology Corp HD6433713 Datasheet HTML 67Page - Renesas Technology Corp HD6433713 Datasheet HTML 68Page - Renesas Technology Corp HD6433713 Datasheet HTML 69Page - Renesas Technology Corp HD6433713 Datasheet HTML 70Page - Renesas Technology Corp HD6433713 Datasheet HTML 71Page - Renesas Technology Corp HD6433713 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 324 page
background image
Table 3-2 Interrupt Sources
Vector Starting
Priority
Interrupt
Origin of Interrupt
Address
High
Reset
External pin
H'0000
(Reserved)*1
—
H'0002
H'0004
H'0006
IRQ0
External pin
H'0008
IRQ1
H'000A
(Reserved)*1
H'000C
(Reserved)*1
H'000E
IRQ4
H'0010
IRQ5
H'0012
Key scan
VFD
H'0014
Timer A overflow
Timer A
H'0016
Timer B overflow
Timer B
H'0018
Timer C overflow
Timer C
H'001A
Timer D overflow
Timer D
H'001C
Timer E overflow
Timer E
H'001E
Direct transfer
Standby timer activator*2
H'0020
(Reserved)*1
—
H'0022
H'0024
SCI1 transfer complete, error
Serial communication interface 1
H'0026
SCI2 transfer complete, error
Serial communication interface 2
H'0028
Low
A/D conversion end
A/D converter
H'002A
Notes: 1. Vector addresses indicated as “Reserved” cannot be used.
2. This circuit is triggered by a SLEEP instruction and generates an interrupt after a certain
time.
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com