Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 130Page - Renesas Technology Corp 7630 Datasheet HTML 131Page - Renesas Technology Corp 7630 Datasheet HTML 132Page - Renesas Technology Corp 7630 Datasheet HTML 133Page - Renesas Technology Corp 7630 Datasheet HTML 134Page - Renesas Technology Corp 7630 Datasheet HTML 135Page - Renesas Technology Corp 7630 Datasheet HTML 136Page - Renesas Technology Corp 7630 Datasheet HTML 137Page - Renesas Technology Corp 7630 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 238 page
background image
2-68
7630 Group User’s Manual
APPLICATION
2.5 Serial I/O
2.5.2 Related registers
Fig. 2.5.2 Structure of Serial I/O shift register
Fig. 2.5.3 Structure of Serial I/O control register
Serial I/O shift register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Serial I/O shift register (SIO) [Address : 001216]
A shift register for serial transmission and reception.
At transmitting : Set transmission data.
At receiving : Store received data.
?
?
?
?
?
?
?
?
Note: A content of the Transmit buffer register cannot be read out.
A data cannot be written to the Receive buffer register.
Serial I/O control register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
Name
Serial I/O control register (SIOCON) [Address : 001316]
3
0
P20/SIN, P21/SOUT and P22/SCLK
function selection bit
0 : I/O port (P20, P21, P22)
1 : SIN, SOUT, SCLK output pin
0
0
Clock divider selection bits
b2 b1 b0
0 0 0 :
φ divided by 4
0 0 1 :
φ divided by 8
0 1 0 :
φ divided by 16
0 1 1 :
φ divided by 32
1 0 0 :
φ divided by 64
1 0 1 :
φ divided by 128
1 1 0 :
φ divided by 256
1 1 1 :
φ divided by 512
1
2
0
0
4
0
P23/SRDY function selection bit
0 : I/O port (P23)
1 : SRDY output pin
5
0
Transmission order selection bit
0 : LSB first
1 : MSB first
6
0
Synchronization clock selection bit 0 : External clock
1 : Internal clock
Not used (“0” when read.)
7
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com