Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 131Page - Renesas Technology Corp 7630 Datasheet HTML 132Page - Renesas Technology Corp 7630 Datasheet HTML 133Page - Renesas Technology Corp 7630 Datasheet HTML 134Page - Renesas Technology Corp 7630 Datasheet HTML 135Page - Renesas Technology Corp 7630 Datasheet HTML 136Page - Renesas Technology Corp 7630 Datasheet HTML 137Page - Renesas Technology Corp 7630 Datasheet HTML 138Page - Renesas Technology Corp 7630 Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 238 page
background image
2-69
7630 Group User’s Manual
APPLICATION
2.5 Serial I/O
Fig. 2.5.4 Structure of UART mode register
Fig. 2.5.5 Structure of UART baud rate generator
UART mode register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
Name
UART mode register (UMOD) [Address : 002016]
3
0
Stop bits selection bit
0 : One stop bit
1 : Two stop bits
0
Clock divider selection bits
b2 b1
0 0 :
φ divided by 1
0 1 :
φ divided by 8
1 0 :
φ divided by 32
1 1 :
φ divided by 256
1
2
4
0
Parity selection bit
0 : Even parity
1 : Odd parity
5
0
Parity enable bit
0 : Parity checking disabled
1 : Parity checking enabled
6
0
UART word length selection bits
Not used (“0” when read, don't write “1”.)
0
0
0
0
0
b7 b6
0 0 : 7 bits
0 1 : 8 bits
1 0 : 9 bits
1 1 : Not used
0
6
7
UART baud rate generator
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
UART baud rate generator (UBRG) [Address : 002116]
A count value of baud rate generator is set.
?
?
?
?
?
?
?
?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com