Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 128Page - Renesas Technology Corp 7630 Datasheet HTML 129Page - Renesas Technology Corp 7630 Datasheet HTML 130Page - Renesas Technology Corp 7630 Datasheet HTML 131Page - Renesas Technology Corp 7630 Datasheet HTML 132Page - Renesas Technology Corp 7630 Datasheet HTML 133Page - Renesas Technology Corp 7630 Datasheet HTML 134Page - Renesas Technology Corp 7630 Datasheet HTML 135Page - Renesas Technology Corp 7630 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 238 page
background image
7630 Group User’s Manual
2-66
$33/,&$7,21
2.4 Controller Area Network (CAN) module
2.4.13 Wake-up via CAN
The module features a function to wake-up the CPU on CAN traffic. This feature is implemented by an external
interrupt function on the P32/CRX input port. The wake-up interrupt is requested upon a recessive to dominant
edge (by start-of-frame of a message sent by another node) on the P32/CRX.
The initialization required to use the wake-up function is:
1. Clear CWKU interrupt request bit IREQB.0.
2. Set CWKU interrupt control bit ICONB.0.
3. Put module to sleep mode by setting the sleep control bit CTRM.0 (Figure 2.4.3); see section 2.4.4.
4. Set the pull transistor enable bit PUP3.2; this activates the pull transistor towards the recessive level (depend-
ing on the dominant polarity selected by PCON.1).
5. Put MCU to low-power mode (wait or stop mode).
The first frame sent by another node awakens the CPU by an CWKU interrupt request. The module should be put
to normal (run) mode again as part of the CWKU interrupt service; also the pull transistor should be disabled as
part of this interrupt service routine.
Note: The frame triggering the wake-up function can not be received and is lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com