Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 125Page - Renesas Technology Corp 7630 Datasheet HTML 126Page - Renesas Technology Corp 7630 Datasheet HTML 127Page - Renesas Technology Corp 7630 Datasheet HTML 128Page - Renesas Technology Corp 7630 Datasheet HTML 129Page - Renesas Technology Corp 7630 Datasheet HTML 130Page - Renesas Technology Corp 7630 Datasheet HTML 131Page - Renesas Technology Corp 7630 Datasheet HTML 132Page - Renesas Technology Corp 7630 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 238 page
background image
7630 Group User’s Manual
$33/,&$7,21
2-63
2.4 Controller Area Network (CAN) module
To overcome this situation, the module features an abort transmission request function. This function is controlled
by the transmit abort control bit CABORT.0 (Figure 2.4.17); setting this bit withdraws the transmit request of the
frame currently occupying the transmit buffer.
Requesting transmit abort during the transmission process (CTRM.7 = 1) does not interrupt the process to avoid
causing erroneous frames being sent.
In result of the abort transmit request, the module will:
1. Clear the transmit buffer control bit CTRM.5 (thereby release the buffer).
2. Clear the transmit request bit CTRM.3.
3. Clear the transmit abort control bit CABORT.0.
As the abort transmission request might fall together with an ongoing transmission, the buffer might not be availa-
ble immediately after issuing the abort transmission request. Therefore the re-initialization of the buffer should not
be started before having confirmed its availability via CTRM.5 (refer to section 2.4.9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com