Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 123Page - Renesas Technology Corp 7630 Datasheet HTML 124Page - Renesas Technology Corp 7630 Datasheet HTML 125Page - Renesas Technology Corp 7630 Datasheet HTML 126Page - Renesas Technology Corp 7630 Datasheet HTML 127Page - Renesas Technology Corp 7630 Datasheet HTML 128Page - Renesas Technology Corp 7630 Datasheet HTML 129Page - Renesas Technology Corp 7630 Datasheet HTML 130Page - Renesas Technology Corp 7630 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 238 page
background image
7630 Group User’s Manual
$33/,&$7,21
2-61
2.4 Controller Area Network (CAN) module
Fig. 2.4.36 Transmit buffer organization
Altogether the following items of the transmit buffer need to be initialized:
• IDE bit CBT1.0: this bit represents the identifier extension (IDE) bit of a frame.
• RTR/SRR bit CBT1.1: for standard format frames, this bit represents the
remote transmission request
(RTR) bit of the arbitration field; for extended format frames it represents the
substitute remote request
(SRR) bit of the arbitration field.
• RTR bit CBT4.1: this bit represents the
remote transmission request (RTR) bit of the arbitration field of an
extended format frame; not relevant for standard format frames.
• Reserved bit r0 CBT5.4: this bit represents the reserved bit r0 of the control field of a standard or extended
format frame; should be set to “0”/sent dominant (refer to the CAN specification).
• Reserved bit r1 CBT4.0: this bit represents the reserved bit r0 of the control field of an extended format
frame; not relevant for standard format frames; should be set to “0”/sent dominant (refer to the CAN speci-
fication).
• Identifier bits of CBT0 to CBT4: these bits represent the identifier of the arbitration field of a frame; CBT2 to
CBT4 hold the extended identifier bits and are not relevant for standard format frames.
• DLC bits of CBT5: these bits represent the data length code of the data field of a data frame; not relevant
for remote frames.
• Data bits of CBT6 to CBTD: these bits represent the data field of a data frame; not relevant for remote
frames.
For settings of the IDE-, RTR/SRR-, RTR-, r0- and r1 bits to be programmed refer to the table below:
(3) Lock the transmit buffer
Once the transmit buffer is initialized, the transmit buffer control bit of CTRM (Figure 2.4.3) should be set to
“1”. This locks the transmit buffer thereby protects it from being altered accidentally. After locking, data read
from the address range of the transmit buffer is undefined. The buffer remains locked until either the trans-
Frame format
Frame type
IDE
RTR/SRR
RTR
r0
r1
standard format
(11-bit identifier)
data frame
0
0
X
0X
remote frame
0
1
X
extended format
(29-bit identifer)
data frame
1
1
0
00
remote frame
1
1
1
Offset
7
0
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
SID2
SID1
SID0
RTR/SRR
IDE
EID17
EID16
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
RTR
r1
004016
004116
004216
004316
004416
r0
DLC3
DLC2
DLC1
DLC0
004516
004616
Data byte 0
004716
Data byte 1
004816
Data byte 2
004916
Data byte 3
004A16
Data byte 4
004B16
Data byte 5
004C16
Data byte 6
004D16
Data byte 7
Name
CTB0
CTB1
CTB2
CTB3
CTB4
CTB5
CTB6
CTB7
CTB8
CTB9
CTBA
CTBB
CTBC
CTBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com