Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 170Page - Renesas Technology Corp 7630 Datasheet HTML 171Page - Renesas Technology Corp 7630 Datasheet HTML 172Page - Renesas Technology Corp 7630 Datasheet HTML 173Page - Renesas Technology Corp 7630 Datasheet HTML 174Page - Renesas Technology Corp 7630 Datasheet HTML 175Page - Renesas Technology Corp 7630 Datasheet HTML 176Page - Renesas Technology Corp 7630 Datasheet HTML 177Page - Renesas Technology Corp 7630 Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 238 page
background image
3-3
APPENDIX
3.1 Electrical characteristics
7630 Group User’s Manual
3.1.2 Recommended operating conditions
Unit
V
V
V
V
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
MHz
MHz
MHz
Limits
Min.
Typ.
Max.
4
5
5.5
0
0.8VCC
VCC
0
0.2VCC
–80
–40
80
40
–10
–5
10
5
1
16
f(XIN)/16
f(XIN)/32
10
Symbol
VCC
VSS
VIH
VIL
∑IOH(peak)
∑IOH(avg)
∑IOL(peak)
∑IOL(avg)
IOH(peak)
IOH(avg)
IOL(peak)
IOL(avg)
IIO
∑IIO
f(CNTR)
f(XIN)
Parameter
Power source voltage
“H” input voltage
P00–P07, P11–P17, P20–P27,
______
P30–P34, P40–P47, RESET, XIN
“L” input voltage
P00–P07, P11–P17, P20–P27,
______
P30–P34, P40–P47, RESET, XIN
“H” sum peak output current
P00–P07, P12–P17, P20–P27,
P30–P34, P40–P47
“H” sum average output current
“L” sum peak output current
“L” sum average output current
“H” peak output current
“H” average output current
“L” peak output current
“L” average output current
Input current at overvoltage condition
P11–P17, P20–P27,
(VI > VCC)P30–P34, P40–P47
Total input current at overvoltage condition
P11–P17, P20–P27,
(VI > VCC)P30–P34, P40–P47
Timer input frequency
P14/CNTR0, P15/CNTR1
(based on 50% duty)
(except bi-phase counter mode)
P13/TX0, P14/CNTR0
(bi-phase counter mode)
Clock input oscillation frequency
Table 3.1.2 Recommended operating conditions
(Vcc = 4.0V to 5.5V, VSS = AVSS = 0V, Ta = –40
°C to 85°C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com