Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 172Page - Renesas Technology Corp 7630 Datasheet HTML 173Page - Renesas Technology Corp 7630 Datasheet HTML 174Page - Renesas Technology Corp 7630 Datasheet HTML 175Page - Renesas Technology Corp 7630 Datasheet HTML 176Page - Renesas Technology Corp 7630 Datasheet HTML 177Page - Renesas Technology Corp 7630 Datasheet HTML 178Page - Renesas Technology Corp 7630 Datasheet HTML 179Page - Renesas Technology Corp 7630 Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 238 page
background image
3-5
APPENDIX
3.1 Electrical characteristics
7630 Group User’s Manual
3.1.4 A-D converter characteristics
3.1.5 Timing requirements
Unit
Bits
LSB
tc(XIN)
tc(XIN)
V
µA
k
Ω
µA
Table 3.1.4 A-D converter characteristics
(Vcc = 4.0V to 5.5V, Vss = AVss = 0V, Ta = –40
°C to 85°C, unless otherwise noted)
Symbol
–
–
tCONV
VREF
IREF
RLADDER
IIAN
Parameter
Resolution
Absolute accuracy
Conversion time
Reference input voltage
Reference input current
Ladder resistor value
Analog input current
Test conditions
High- speed mode
Middle-speed mode
VCC = VREF = 5.12V
VI = VSS to VCC
Limits
Min.
Typ.
Max.
8
±1
±2.5
106
108
424
432
2.0
VCC
150
200
35
0.5
5
Symbol
____________
tW(RESET)
tC(XIN)
tWH(XIN)
tWL(XIN)
tC(CNTR)
tWH(CNTR)
tWL(CNTR)
tL(CNTR0–TX0)
tC(TX0)
tWH(TX0)
tWL(TX0)
tWH(INT)
tWL(INT)
tC(SCLK)
tWH(SCLK)
tWL(SCLK)
tsu(SIN–SCLK)
tH(SCLK–SIN)
Table 3.1.5 Timing requirements
(Vcc = 4.0V to 5.5V, Vss = AVss = 0V, Ta = –40
°C to 85°C, unless otherwise noted)
Parameter
Reset input “L” pulse width
External clock input cycle time
External clock input “H” pulse width
External clock input “L” pulse width
CNTR0, CNTR1 input cycle time
(except bi-phase counter mode)
CNTR0, input cycle time
(bi-phase counter mode)
CNTR0, CNTR1 input “H” pulse width
(except bi-phase counter mode)
CNTR0, input “H” pulse width
(bi-phase counter mode)
CNTR0, CNTR1 input “L” pulse width
(except bi-phase counter mode)
CNTR0, input “L” pulse width
(bi-phase counter mode)
Lag of CNTR0 and TX0 input edges
(bi-phase counter mode)
TX0 input cycle time
(bi-phase counter mode)
TX0 input “H” pulse width
(bi-phase counter mode)
TX0 input “L” pulse width
(bi-phase counter mode)
INT0, INT1 input “H” pulse width
INT0, INT1 input “L” pulse width
Serial I/O clock input cycle time
Serial I/O clock input “H” pulse width
Serial I/O clock input “L” pulse width
Serial I/O clock input set up time
Serial I/O clock input hold time
Limits
Min.
Typ.
Max.
2
100
37
37
1600
2000
800
1000
800
1000
500
3200
1600
1600
460
460
8tc(XIN)
4tc(XIN)
4tc(XIN)
200
150
Unit
µs
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com