Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 171Page - Renesas Technology Corp 7630 Datasheet HTML 172Page - Renesas Technology Corp 7630 Datasheet HTML 173Page - Renesas Technology Corp 7630 Datasheet HTML 174Page - Renesas Technology Corp 7630 Datasheet HTML 175Page - Renesas Technology Corp 7630 Datasheet HTML 176Page - Renesas Technology Corp 7630 Datasheet HTML 177Page - Renesas Technology Corp 7630 Datasheet HTML 178Page - Renesas Technology Corp 7630 Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 238 page
background image
3-4
7630 Group User’s Manual
APPENDIX
3.1 Electrical characteristics
3.1.3 Electrical characteristics
Table 3.1.3 Electrical characteristics
(Vcc = 4.0V to 5.5V, Vss = AVss = 0V, Ta = –40
°C to 85°C, unless otherwise noted)
Unit
V
V
V
µA
µA
µA
µA
µA
µA
V
mA
mA
mA
mA
µA
µA
Limits
Min.
Typ.
Max.
0.8 • VCC
2
0.5
5
4
20
200
–5
–4
-200
-20
2
11
18
916
611
2
0.1
1
10
Parameter
“H” output voltage P00–P07, P12–P17, P20–P27,
P30–P34, P40–P47
“L” output voltage
P00–P07, P12–P17, P20–P27,
P30–P34, P40–P47
Hysteresis
P11/INT0, P12/INT1, P13/TX0,
P14/CNTR0, P15/CNTR1,
P20/SIN, P22/SCLK, P26/URTS,
____________
P27/UCTS, P32/CRX, RESET
“H” input current
P00–P07, P11–P17, P20–P27,
____________
P30–P34, P40–P47, RESET
“H” input current
XIN
“H” input current
P32,
P40–P47,
“L” input current
P00–P07, P11–P17, P20–P27,
____________
P30–P34, P40–P47, RESET
“L” input current
XIN
“L” input current
P00–P07,P11–P17,
P20–P27,P30–P34,
____________
P40–P47,RESET
RAM hold voltage
Power source current
Symbol
VOH
VOL
VT+–VT–
IIH
IIH
IIH
IIL
IIL
IIL
VRAM
ICC
Test conditions
IOH = –5mA
IOL = 5mA
VI = VCC
VI = VCC
VI = VSS
Pull–Down=“On”
VI = VSS
VI = VSS
VI = VSS
Pull–Up=“On”
When clock stopped
High-speed mode,
f(XIN) = 8MHz,
VCC = 5V,
Output transistors “off”,
CAN module running,
ADC running
High-speed mode,
f(XIN) = 8MHz,
VCC = 5V,
Output transistors “off”,
CAN module stopped,
ADC running
Middle-speed mode,
f(XIN) = 8MHz,
VCC = 5V,
Output transistors “off”,
CAN module running,
ADC running,
Middle-speed mode,wait mode,
f(XIN) = 8MHz,
VCC = 5V,
Output transistors “off”,
CAN module stopped,
ADC running
Stop mode,f(XIN)=0MHz,
Ta = 25
°C,
VCC = 5V
Stop mode,f(XIN)=0MHz,
Ta = 85
°C,
VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com